Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T3B Datasheet(PDF) 7 Page - Magnetrol International, Inc.

Part # T3B
Description  Tuffy II짰 Liquid Level Controls with Electric Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

T3B Datasheet(HTML) 7 Page - Magnetrol International, Inc.

Back Button T3B Datasheet HTML 3Page - Magnetrol International, Inc. T3B Datasheet HTML 4Page - Magnetrol International, Inc. T3B Datasheet HTML 5Page - Magnetrol International, Inc. T3B Datasheet HTML 6Page - Magnetrol International, Inc. T3B Datasheet HTML 7Page - Magnetrol International, Inc. T3B Datasheet HTML 8Page - Magnetrol International, Inc. T3B Datasheet HTML 9Page - Magnetrol International, Inc. T3B Datasheet HTML 10Page - Magnetrol International, Inc. T3B Datasheet HTML 11Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
C H A M B E R
P A R T
N U M B E R
Electric Switch Rating
Maximum Process
VAC
VDC
Temperature
Œ
Cast Iron
Cast Alum
Code
Contact Type and Material
120
240
24
120
Housing
Housing
0
SPDT w/silver contacts
10.0
10.0
6.0
0.6
+750° F (+399° C) +650° F (+343° C)
1
DPDT (dual SPDT) w/silver contacts
10.0
10.0
6.0
0.6
+750° F (+399° C) +650° F (+343° C)
2
SPDT w/gold plated contacts
0.1
—
0.1
—
+375° F (+190° C) +325° F (+162° C)
3
DPDT (dual SPDT) w/gold plated contacts
0.1
—
0.1
—
+375° F (+190° C) +325° F (+162° C)
4
HS SPDT w/silver contacts
1.0
1.0
3.0
0.5
+750° F (+399° C) +650° F (+343° C)
6
HS SPDT w/gold plated contacts
0.5
0.5
0.5
0.5
+750° F (+399° C) +650° F (+343° C)
SWITCH TYPE
Compatible Model Codes
Process
Process
ASME B31.3
Function/ Connection Connection
Standard
ASME B31.3
NACE
& NACE
Process Connection Material
Float Codes Size Codes Type Codes
1
2
Not
Not
Carbon Steel Flange and cladding
1, 2, 4, 5
3, 4, 5, 6
A, B, C, D, E
applicable
applicable
with 316/316L SS float holder & trim
AE
J
N
Carbon Steel Flange with
1, 2, 4, 5
3, 4, 5, 6
A, B, C, D, E
316/316L SS process wetted face
BF
K
P
All 316/316L Stainless Steel
1, 2, 4, 5
All
All
CGL
R
Carbon Steel Flange with
3
3, 4, 5, 6
A, B
Hastelloy C process wetted face
DH
M
T
All Hastelloy C
3
3, 4, 5, 6
A, B
PROCESS CONNECTION MATERIAL/DESIGN CODE
Z3
3
47
4
7
S T A N D A R D
N A R R O W
D I F F E R E N T I A L c o n t .
M O D E L
N U M B E R
Œ Maximum process temperature is based on an ambient temperature between
0° and +100° F. If ambient is outside this range, consult factory.
 See Switch temperature ranges on page 2 for minimum process temperatures
FM
CSA
ATEX EP ATEX IS
AC
1
M
Cast Aluminum,
3⁄4" NPT Conduit Entry
BD
2
N
Cast Iron,
3⁄4" NPT Conduit Entry
3P
Cast Aluminum, M20 X 1.5 Conduit Entry
4R
Cast Iron, M20 X 1.5 Conduit Entry
HOUSING MATERIAL/APPROVAL
Note: Flanged chambers
and process flanges
available. Consult factory.
N/A
0-001
Carbon Steel
2200 psig @ +400° F (152 bar @ +204° C), 1400 psig @ +750° F (97 bar @ +399° C)
0-002
316 Stainless Steel
2500 psig @ +400° F (172 bar @ +204° C), 2013 psig @ +750° F (139 bar @ +399° C)
1-001
Carbon Steel
1200 psig @ +400° F (83 bar @ +204° C), 780 psig @ +750° F (54 bar @ +399° C)
1-002
316 Stainless Steel
1400 psig @ +400° F (97 bar @ +204° C), 1127 psig @ +750° F (78 bar @ +399° C)
MATERIALS OF CONSTRUCTION/PRESSURE RATING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com