Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T3B Datasheet(PDF) 1 Page - Magnetrol International, Inc.

Part # T3B
Description  Tuffy II짰 Liquid Level Controls with Electric Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

T3B Datasheet(HTML) 1 Page - Magnetrol International, Inc.

  T3B Datasheet HTML 1Page - Magnetrol International, Inc. T3B Datasheet HTML 2Page - Magnetrol International, Inc. T3B Datasheet HTML 3Page - Magnetrol International, Inc. T3B Datasheet HTML 4Page - Magnetrol International, Inc. T3B Datasheet HTML 5Page - Magnetrol International, Inc. T3B Datasheet HTML 6Page - Magnetrol International, Inc. T3B Datasheet HTML 7Page - Magnetrol International, Inc. T3B Datasheet HTML 8Page - Magnetrol International, Inc. T3B Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Tuffy
II®
Liquid Level Controls
with Electric Switches
D E S C R I P T I O N
The Tuffy® II Liquid Level Switches are float-actuated
devices designed for horizontal mounting in a tank or
vessel through threaded or flanged pipe connections. The
compact size allows for installation in small vessels, while
its many features provide a variety of application uses.
The single switch mechanism is available in SPDT or
DPDT forms on units designed for fixed or adjustable,
narrow or wide differential and interface service levels.
This sales literature covers Tuffy II level switches that
have electric switches. For Tuffy with a pneumatic switch,
see bulletin 44-109.
T E C H N O L O G Y
The Tuffy II achieves switching action through the use of
a magnetic switch mechanism and a magnet attached to
the float assembly. Separating the two magnets is a non-
magnetic pressure barrier.
As the liquid level changes, the float, and therefore the
float magnet, moves. The float and switch magnets repel
each other causing movement of the switch magnet
assembly, tripping the switch and making or breaking an
electrical circuit.
F E A T U R E S
• Pressure ratings to 2625 psi (181 bar)
• Process temperatures to +750° F (+399° C)
• Cost-effective clad flange design option
• NACE and/or ASME B31.3 construction
• Specific gravity as low as 0.40
A P P L I C A T I O N S
• Sour service (NACE)
• High/low alarm
• Single pump control
• Day storage tanks
• Corrosive processes (Hastelloy® C wetted parts)
• Process vessels
• Boiler low water cut-off
• Interface level
• Explosion proof installations


Similar Description - T3B

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
039-6000-100 MAGNETROL-039-6000-100 Datasheet
161Kb / 8P
Tuffy짰 Liquid Level Controls with Pneumatic Switch
039-6000-104 MAGNETROL-039-6000-104 Datasheet
152Kb / 4P
Tuffy Liquid Level Controls with Pneumatic Switch
B35-1B20-JGH MAGNETROL-B35-1B20-JGH Datasheet
1Mb / 36P
Liquid Level Switches
T31-002N-10A MAGNETROL-T31-002N-10A Datasheet
542Kb / 28P
Tuffy짰 II Liquid Level Controls with Electric Switches
T52-1E3N-KOG MAGNETROL-T52-1E3N-KOG Datasheet
283Kb / 24P
Side Mounting Liquid Level Controls
logo
Littelfuse
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
LLC1 LITTELFUSE-LLC1 Datasheet
369Kb / 2P
Open Board Liquid Level Controls
2016 Rev: 1-A-062716
LLC2 LITTELFUSE-LLC2 Datasheet
384Kb / 2P
Open Board Liquid Level Controls
2016 Rev: 1-A-062716
LLC5 LITTELFUSE-LLC5 Datasheet
428Kb / 2P
Liquid Level Controls
2016 Rev: 1-A-062116
LLC6 LITTELFUSE-LLC6 Datasheet
416Kb / 2P
Low Level Cutoff Liquid Level Controls
2016 Rev: 1-A-062716
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com