Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T3B Datasheet(PDF) 10 Page - Magnetrol International, Inc.

Part # T3B
Description  Tuffy II짰 Liquid Level Controls with Electric Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

T3B Datasheet(HTML) 10 Page - Magnetrol International, Inc.

Back Button T3B Datasheet HTML 4Page - Magnetrol International, Inc. T3B Datasheet HTML 5Page - Magnetrol International, Inc. T3B Datasheet HTML 6Page - Magnetrol International, Inc. T3B Datasheet HTML 7Page - Magnetrol International, Inc. T3B Datasheet HTML 8Page - Magnetrol International, Inc. T3B Datasheet HTML 9Page - Magnetrol International, Inc. T3B Datasheet HTML 10Page - Magnetrol International, Inc. T3B Datasheet HTML 11Page - Magnetrol International, Inc. T3B Datasheet HTML 12Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
A D J U S T A B L E
W I D E
D I F F E R E N T I A L
M O D E L
N U M B E R
Process Connection:
ANSI Flanges
Wetted Materials:
Carbon steel and/or 316/316L SS
Max. Float Pressure:
750 psi (52 bar)
Œ
Min SG:
0.78
Level Differential:
Adjustable from 1.36" to 18.26"
C
Adjustable Differential Level
T3
C
0
FUNCTION/FLOAT
3
ANSI 3"
4
ANSI 4"
5
ANSI 5"
6
ANSI 6"
PROCESS CONNECTION SIZE
4
3.75 inch (95 mm) stem extension
8
7.50 inch (190 mm) stem extension
C
12.25 inch (311 mm) stem extension
STEM EXTENSION LENGTH "B" DIMENSION
A
ANSI RF Flange, 150#
B
ANSI RF Flange, 300#
PROCESS CONNECTION TYPE
Œ
T 3
Tuffy II Electric Liquid Level Switch
PROCESS CONNECTION MATERIAL/DESIGN CODE
SWITCH TYPE
HOUSING MATERIAL/APPROVAL
See opposite page
BASIC MODEL NUMBER
Œ
Rated pressure limited by maximum Float or Flange pressure, whichever is less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com