Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T3B Datasheet(PDF) 11 Page - Magnetrol International, Inc.

Part # T3B
Description  Tuffy II짰 Liquid Level Controls with Electric Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

T3B Datasheet(HTML) 11 Page - Magnetrol International, Inc.

Back Button T3B Datasheet HTML 4Page - Magnetrol International, Inc. T3B Datasheet HTML 5Page - Magnetrol International, Inc. T3B Datasheet HTML 6Page - Magnetrol International, Inc. T3B Datasheet HTML 7Page - Magnetrol International, Inc. T3B Datasheet HTML 8Page - Magnetrol International, Inc. T3B Datasheet HTML 9Page - Magnetrol International, Inc. T3B Datasheet HTML 10Page - Magnetrol International, Inc. T3B Datasheet HTML 11Page - Magnetrol International, Inc. T3B Datasheet HTML 12Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Electric Switch Rating
Maximum Process
VAC
VDC
Temperature
Œ
Cast Iron
Cast Alum
Code
Contact Type and Material
120
240
24
120
Housing
Housing
0
SPDT w/silver contacts
10.0
10.0
6.0
0.6
+750° F (+399° C)
+650° F (+343° C)
1
DPDT (dual SPDT) w/silver contacts
10.0
10.0
6.0
0.6
+750° F (+399° C)
+650° F (+343° C)
2
SPDT w/gold plated contacts
0.1
—
0.1
—
+375° F (+190° C)
+325° F (+162° C)
3
DPDT (dual SPDT) w/gold plated contacts
0.1
—
0.1
—
+375° F (+190° C)
+325° F (+162° C)
4
HS SPDT w/silver contacts
1.0
1.0
3.0
0.5
+750° F (+399° C)
+650° F (+343° C)
6
HS SPDT w/gold plated contacts
0.5
0.5
0.5
0.5
+750° F (+399° C)
+650° F (+343° C)
SWITCH TYPE
ASME B31.3
Standard
ASME B31.3
NACE
& NACE
Process Connection Material
12
Not
Not
Carbon Steel Flange and cladding with
applicable
applicable
316/316L SS float holder & trim
A
EJ
N
Carbon Steel Flange with
316/316L SS process wetted face
BF
K
P
All 316/316L Stainless Steel
PROCESS CONNECTION MATERIAL/DESIGN CODE
A D J U S T A B L E
W I D E
D I F F E R E N T I A L c o n t i n u e d
M O D E L
N U M B E R
Œ Maximum process temperature is based on an ambient temperature between
0° F and +100° F. If ambient is outside this range, consult factory.
 See Switch temperature ranges on page 2 for minimum process temperatures
Stem
Pin Position
Length
AB
C
D
E
F
GH
J
K
L
3.75
+0.16
+1.84
+3.54
+4.87
-1.47
n/a
n/a
-1.65
n/a
+1.52
+4.10
Rising
7.50
-0.12
+2.49
+5.14
+7.20
-2.65
n/a
n/a
-2.94
n/a
+1.99
+6.01
12.25
-0.43
+3.36
+7.20 +10.20
-4.12
n/a
n/a
-4.54
n/a
+2.62
+8.46
3.75
+1.51
+3.14
n/a
n/a
-0.39
-1.87
-3.21
0.16
-2.44
+3.32
n/a
Falling
7.50
+1.98
+4.51
n/a
n/a
-0.99
-3.29
-5.37
-0.12
-4.16
+4.80
n/a
12.25
+2.61
+6.28
n/a
n/a
-1.69
-5.04
-8.06
-0.44
-6.31
+6.71
n/a
STOP POSITION ACTUATION LEVELS (INCHES ± 0.25 AT MINIMUM S.G.)
HOUSING MATERIAL/APPROVAL
FM
CSA
ATEX EP ATEX IS
AC
1
M
Cast Aluminum,
3⁄4" NPT Conduit Entry
BD
2
N
Cast Iron,
3⁄4" NPT Conduit Entry
3P
Cast Aluminum, M20 X 1.5 Conduit Entry
4R
Cast Iron, M20 X 1.5 Conduit Entry
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com