Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM3U Datasheet(PDF) 1 Page - ATMEL Corporation

Part # SAM3U
Description  AT91SAM ARM-based Flash MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3U Datasheet(HTML) 1 Page - ATMEL Corporation

  SAM3U Datasheet HTML 1Page - ATMEL Corporation SAM3U Datasheet HTML 2Page - ATMEL Corporation SAM3U Datasheet HTML 3Page - ATMEL Corporation SAM3U Datasheet HTML 4Page - ATMEL Corporation SAM3U Datasheet HTML 5Page - ATMEL Corporation SAM3U Datasheet HTML 6Page - ATMEL Corporation SAM3U Datasheet HTML 7Page - ATMEL Corporation SAM3U Datasheet HTML 8Page - ATMEL Corporation SAM3U Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
NOTE: This is a summary document.
The complete document is available on
the Atmel website at www.atmel.com.
Features
• Core
– ARM® Cortex®-M3 revision 2.0 running at up to 96 MHz
– Memory Protection Unit (MPU)
–Thumb®-2 instruction set
• Memories
– From 64 to 256 Kbytes embedded Flash, 128-bit wide access, memory accelerator,
dual bank
– From 16 to 48 Kbytes embedded SRAM with dual banks
– 16 Kbytes ROM with embedded bootloader routines (UART, USB) and IAP routines
– Static Memory Controller (SMC): SRAM, NOR, NAND support. NAND Flash
controller with 4 Kbytes RAM buffer and ECC
• System
– Embedded voltage regulator for single supply operation
– POR, BOD and Watchdog for safe reset
– Quartz or resonator oscillators: 3 to 20 MHz main and optional low power 32.768
kHz for RTC or device clock.
– High precision 8/12 MHz factory trimmed internal RC oscillator with 4 MHz Default
Frequency for fast device startup
– Slow Clock Internal RC oscillator as permanent clock for device clock in low power
mode
– One PLL for device clock and one dedicated PLL for USB 2.0 High Speed Device
– Up to 17 peripheral DMA (PDC) channels and 4-channel central DMA
• Low Power Modes
– Sleep and Backup modes, down to 2.5 µA in Backup mode
– Backup domain: VDDBU pin, RTC, 32 backup registers
– Ultra low power RTC: 0.6 µA
• Peripherals
– USB 2.0 Device: 480 Mbps, 4-kbyte FIFO, up to 7 bidirectional Endpoints,
dedicated DMA
– Up to 4 USARTs (ISO7816, IrDA®, Flow Control, SPI, Manchester support) and one
UART
– Up to 2 TWI (I2C compatible), 1 SPI, 1 SSC (I2S), 1 HSMCI (SDIO/SD/MMC)
– 3-Channel 16-bit Timer/Counter (TC) for capture, compare and PWM
– 4-channel 16-bit PWM (PWMC)
– 32-bit Real Time Timer (RTT) and RTC with calendar and alarm features
– 8-channel 12-bit 1MSPS ADC with differential input mode and programmable gain
stage, 8-channel 10-bit ADC
• I/O
– Up to 96 I/O lines with external interrupt capability (edge or level sensitivity),
debouncing, glitch filtering and on-die Series Resistor Termination
– Three 32-bit Parallel Input/Outputs (PIO)
• Packages
– 100-lead LQFP, 14 x 14 mm, pitch 0.5 mm
– 100-ball LFBGA, 9 x 9 mm, pitch 0.8 mm
– 144-lead LQFP, 20 x 20 mm, pitch 0.5 mm
– 144-ball LFBGA, 10 x 10 mm, pitch 0.8 mm
AT91SAM
ARM-based
Flash MCU
SAM3U Series
Summary
6430ES–ATARM–22-Aug-11


Similar Part No. - SAM3U

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM3U ATMEL-SAM3U Datasheet
93Kb / 19P
AVR UC3 A0/A1 (revision H and later)
logo
Embest Technology Co. L...
SAM3U SERIES EMBEST-SAM3U SERIES Datasheet
202Kb / 3P
Low Cost Development Kit
logo
ATMEL Corporation
SAM3U ATMEL-SAM3U_14 Datasheet
1Mb / 60P
From 64 to 256 Kbytes embedded Flash
SAM3U ATMEL-SAM3U_14 Datasheet
18Mb / 1187P
From 16 to 48 Kbytes embedded SRAM with dual banks
More results

Similar Description - SAM3U

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM3X ATMEL-SAM3X Datasheet
851Kb / 71P
AT91SAM ARM-based Flash MCU
AT91SAM ATMEL-AT91SAM Datasheet
638Kb / 67P
ARM-based Flash MCU
ATSAM3U1CB-AU ATMEL-ATSAM3U1CB-AU Datasheet
1Mb / 60P
AT91SAM ARM-based Flash MCU
AT91SAM ATMEL-AT91SAM_13 Datasheet
4Mb / 775P
ARM-based Flash MCU
ATSAM3N1BB-MU ATMEL-ATSAM3N1BB-MU Datasheet
1Mb / 60P
AT91SAM ARM-based Flash MCU
SAM3S ATMEL-SAM3S_14 Datasheet
7Mb / 1087P
AT91SAM ARM-based Flash MCU
SAM4S ATMEL-SAM4S_14 Datasheet
6Mb / 1231P
ARM-based Flash MCU
SAM7L128 ATMEL-SAM7L128_14 Datasheet
2Mb / 549P
AT91SAM ARM-based Flash MCU
SAM7X128 ATMEL-SAM7X128_14 Datasheet
2Mb / 662P
ARM-based Flash MCU
SAM7S321 ATMEL-SAM7S321_14 Datasheet
4Mb / 775P
ARM-based Flash MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com