Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM3U Datasheet(PDF) 32 Page - ATMEL Corporation

Part # SAM3U
Description  AT91SAM ARM-based Flash MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3U Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button SAM3U Datasheet HTML 28Page - ATMEL Corporation SAM3U Datasheet HTML 29Page - ATMEL Corporation SAM3U Datasheet HTML 30Page - ATMEL Corporation SAM3U Datasheet HTML 31Page - ATMEL Corporation SAM3U Datasheet HTML 32Page - ATMEL Corporation SAM3U Datasheet HTML 33Page - ATMEL Corporation SAM3U Datasheet HTML 34Page - ATMEL Corporation SAM3U Datasheet HTML 35Page - ATMEL Corporation SAM3U Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
32
6430ES–ATARM–22-Aug-11
SAM3U Series
The Enhanced Embedded Flash Controller ensures the interface of the Flash block with the 32-
bit internal bus. Its 128-bit wide memory interface increases performance.
The user can choose between high performance or lower current consumption by selecting
either 128-bit or 64-bit access. It also manages the programming, erasing, locking and unlocking
sequences of the Flash using a full set of commands.
One of the commands returns the embedded Flash descriptor definition that informs the system
about the Flash organization, thus making the software generic.
The SAM3U4 (256 KBytes internal Flash version) embeds two EEFC (EEFC0 for Flash0 and
EEFC1 for Flash1) whereas the SAM3U2/1 embeds one EEFC.
9.1.3.4
Lock Regions
In the SAM3U4 (256 KBytes internal Flash version) two Enhanced Embedded Flash Controllers
each manage 16 lock bits to protect 32 regions of the flash against inadvertent flash erasing or
programming commands.
The SAM3U4 (256 KBytes internal Flash version) contains 32 lock regions and each lock region
contains 32 pages of 256 bytes. Each lock region has a size of 8 Kbytes.
The SAM3U2 (128 KBytes internal Flash version) Enhanced Embedded Flash Controller man-
ages 16 lock bits to protect 32 regions of the flash against inadvertent flash erasing or
programming commands.
The SAM3U2 (128 KBytes internal Flash version) contains 16 lock regions and each lock region
contains 32 pages of 256 bytes. Each lock region has a size of 8 Kbytes.
The SAM3U1(64 KBytes internal Flash version) Embedded Flash Controller manages 8 lock bits
to protect 8 regions of the flash against inadvertent flash erasing or programming commands.
The SAM3U1(64 KBytes internal Flash version) contains 8 lock regions and each lock region
contains 32 pages of 256 bytes. Each lock region has a size of 8 Kbytes.
If a locked-region’s erase or program command occurs, the command is aborted and the EEFC
triggers an interrupt.
The lock bits are software programmable through the EEFC User Interface. The command “Set
Lock Bit” enables the protection. The command “Clear Lock Bit” unlocks the lock region.
Asserting the ERASE pin clears the lock bits, thus unlocking the entire Flash.
9.1.3.5
Security Bit Feature
The SAM3U features a security bit, based on a specific General Purpose NVM bit (GPNVM bit
0). When the security is enabled, any access to the Flash, SRAM, Core Registers and Internal
Peripherals either through the ICE interface or through the Fast Flash Programming Interface, is
forbidden. This ensures the confidentiality of the code programmed in the Flash.
This security bit can only be enabled, through the command “Set General Purpose NVM Bit 0” of
the EEFC User Interface. Disabling the security bit can only be achieved by asserting the
ERASE pin at 1, and after a full Flash erase is performed. When the security bit is deactivated,
all accesses to the Flash, SRAM, Core Registers and Internal Peripherals either through the ICE
interface or through the Fast Flash Programming Interface are permitted.
It is important to note that the assertion of the ERASE pin should always be longer than 200 ms.
As the ERASE pin integrates a permanent pull-down, it can be left unconnected during normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com