Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM3U Datasheet(PDF) 31 Page - ATMEL Corporation

Part # SAM3U
Description  AT91SAM ARM-based Flash MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3U Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button SAM3U Datasheet HTML 27Page - ATMEL Corporation SAM3U Datasheet HTML 28Page - ATMEL Corporation SAM3U Datasheet HTML 29Page - ATMEL Corporation SAM3U Datasheet HTML 30Page - ATMEL Corporation SAM3U Datasheet HTML 31Page - ATMEL Corporation SAM3U Datasheet HTML 32Page - ATMEL Corporation SAM3U Datasheet HTML 33Page - ATMEL Corporation SAM3U Datasheet HTML 34Page - ATMEL Corporation SAM3U Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 59 page
background image
31
6430ES–ATARM–22-Aug-11
SAM3U Series
9.
Memories
The embedded and external memories are described below.
9.1
Embedded Memories
9.1.1
Internal SRAM
The SAM3U4 (256 KBytes internal Flash version) embeds a total of 48 Kbytes high-speed
SRAM (32 Kbytes SRAM0 and 16 Kbytes SRAM1).
The SAM3U2 (128 KBytes internal Flash version) embeds a total of 32 Kbytes high-speed
SRAM (16 Kbytes SRAM0 and 16 Kbytes SRAM1).
The SAM3U1 (64 KBytes internal Flash version) embeds a total of 16 Kbytes high-speed SRAM
(8 Kbytes SRAM0 and 8 Kbytes SRAM1).
The SRAM0 is accessible over System Cortex-M3 bus at address 0x2000 0000 and SRAM1 at
address 0x2008 0000. The user can see the SRAM as contiguous at 0x20078000-0x20083FFF
(SAM3U4), 0x2007C000-0x20083FFFF (SAM3U2) or 0x2007E000-0x20081FFFF (SAM3U1).
The SRAM0 and SRAM1 are in the bit band region. The bit band alias region is from 0x2200
0000 and 0x23FF FFFF.
The NAND Flash Controller embeds 4224 bytes of internal SRAM. If the NAND Flash controller
is not used, these 4224 bytes of SRAM can be used as general purpose. It can be seen at
address 0x2010 0000.
9.1.2
Internal ROM
The SAM3U product embeds an Internal ROM, which contains the SAM-BA Boot and FFPI
program.
At any time, the ROM is mapped at address 0x0018 0000.
9.1.3
Embedded Flash
9.1.3.1
Flash Overview
The Flash of the SAM3U4 (256 KBytes internal Flash version) is organized in two banks of 512
pages (dual plane) of 256 bytes.
The Flash of the SAM3U2 (128 KBytes internal Flash version) is organized in one bank of 512
pages (single plane) of 256 bytes.
The Flash of the is SAM3U1 (256 KBytes internal Flash version) organized in one bank of 256
pages (single plane) of 256 bytes.
The Flash contains a 128-byte write buffer, accessible through a 32-bit interface.
9.1.3.2
Flash Power Supply
The Flash is supplied by VDDCORE.
9.1.3.3
Enhanced Embedded Flash Controller
The Enhanced Embedded Flash Controller (EEFC) manages accesses performed by the mas-
ters of the system. It enables reading the Flash and writing the write buffer. It also contains a
User Interface, mapped within the Memory Controller on the APB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com