Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM3U Datasheet(PDF) 3 Page - ATMEL Corporation

Part # SAM3U
Description  AT91SAM ARM-based Flash MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3U Datasheet(HTML) 3 Page - ATMEL Corporation

  SAM3U Datasheet HTML 1Page - ATMEL Corporation SAM3U Datasheet HTML 2Page - ATMEL Corporation SAM3U Datasheet HTML 3Page - ATMEL Corporation SAM3U Datasheet HTML 4Page - ATMEL Corporation SAM3U Datasheet HTML 5Page - ATMEL Corporation SAM3U Datasheet HTML 6Page - ATMEL Corporation SAM3U Datasheet HTML 7Page - ATMEL Corporation SAM3U Datasheet HTML 8Page - ATMEL Corporation SAM3U Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
3
6430ES–ATARM–22-Aug-11
SAM3U Series
2.
SAM3U Block Diagram
Figure 2-1.
144-pin SAM3U4/2/1E Block Diagram
D0-D15
A0/NBS0
A2-A20
NCS0
NCS1
NRD
NWR0/NWE
NWR1/NBS1
APB
A1
SHDN
FWUP
NANDOE,
NANDWE
SLAVE
MASTER
A23
NWAIT
EBI
Static
Memory
Controller
NAND Flash
Controller
& ECC
NCS2
NCS3
HSMCI
TWI0
TWI1
USART0
USART1
USART2
USART3
PWM
TC0
TC1
TC2
SSC
DMA
USB
Device
HS
8-channel
12-bit ADC
10-bit ADC
In-Circuit Emulator
I/D
A21/
NANDALE
A22/
NANDCLE
PDC
5-layer AHB Bus Matrix
SPI
MPU
DMA
PDC
N
V
I
C
S
PDC
PDC
Voltage
Regulator
NANDRDY
NAND Flash
SRAM
(4KBytes)
Flash
Unique
Identifier
UART
PDC
PLLA
TST
PCK0
-PCK2
System Controller
VDDBU
XIN
NRST
PMC
UPLL
XOUT
WDT
RTT
OSC
32K
XIN32
XOUT32
SUPC
RSTC
8
GPBREG
OSC
3-20 M
PIOA
PIOC
PIOB
POR
RTC
RC 32K
SM
BOD
VDDCORE
VDDUTMI
RC Osc.
12/8/4 M
ERASE
NRSTB
Cortex-M3 Processor
Fmax 96 MHz
SysTick Counter
JTAG & Serial Wire
HS UTMI
Transceiver
Peripheral
DMA
Controller
Peripheral
Bridge
ROM
16 KBytes
4-Channel
DMA
SRAM0
32 KBytes
16 KBytes
8 KBytes
FLASH
2x128 KBytes
1x128 KBytes
1x64 KBytes
SRAM1
16 KBytes
16 KBytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com