Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM3U Datasheet(PDF) 27 Page - ATMEL Corporation

Part # SAM3U
Description  AT91SAM ARM-based Flash MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3U Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button SAM3U Datasheet HTML 23Page - ATMEL Corporation SAM3U Datasheet HTML 24Page - ATMEL Corporation SAM3U Datasheet HTML 25Page - ATMEL Corporation SAM3U Datasheet HTML 26Page - ATMEL Corporation SAM3U Datasheet HTML 27Page - ATMEL Corporation SAM3U Datasheet HTML 28Page - ATMEL Corporation SAM3U Datasheet HTML 29Page - ATMEL Corporation SAM3U Datasheet HTML 30Page - ATMEL Corporation SAM3U Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
27
6430ES–ATARM–22-Aug-11
SAM3U Series
7.4
Matrix Slaves
The Bus Matrix of the SAM3U manages 10 slaves. Each slave has its own arbiter, allowing a dif-
ferent arbitration per slave.
7.5
Master to Slave Access
All the Masters can normally access all the Slaves. However, some paths do not make sense,
for example allowing access from the USB Device High speed DMA to the Internal Peripherals.
Thus, these paths are forbidden or simply not wired, and shown as “–” in Table 7-3 below.
Table 7-2.
List of Bus Matrix Slaves
Slave 0
Internal SRAM0
Slave 1
Internal SRAM1
Slave 2
Internal ROM
Slave 3
Internal Flash 0
Slave 4
Internal Flash 1
Slave 5
USB Device High Speed Dual Port RAM (DPR)
Slave 6
NAND Flash Controller RAM
Slave 7
External Bus Interface
Slave 8
Low Speed Peripheral Bridge
Slave 9
High Speed Peripheral Bridge
Table 7-3.
SAM3U Master to Slave Access
Slaves
Masters
0
1
234
Cortex-M3
I/D Bus
Cortex-M3 S
Bus
PDC
USB Device
High Speed
DMA
DMA
Controller
0
Internal SRAM0
–
XXXX
1
Internal SRAM1
–
XXXX
2
Internal ROM
X
–
X
X
X
3
Internal Flash 0
X
––––
4
Internal Flash 1
X
––––
5
USB Device High Speed Dual Port RAM (DPR)
–
X
–
–
–
6
NAND Flash Controller RAM
–
XXXX
7
External Bus Interface
–
XXXX
8
Low Speed Peripheral Bridge
–
X
X
–
–
9
High Speed Peripheral Bridge
–
X
X
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com