Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM3U Datasheet(PDF) 41 Page - ATMEL Corporation

Part # SAM3U
Description  AT91SAM ARM-based Flash MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3U Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button SAM3U Datasheet HTML 37Page - ATMEL Corporation SAM3U Datasheet HTML 38Page - ATMEL Corporation SAM3U Datasheet HTML 39Page - ATMEL Corporation SAM3U Datasheet HTML 40Page - ATMEL Corporation SAM3U Datasheet HTML 41Page - ATMEL Corporation SAM3U Datasheet HTML 42Page - ATMEL Corporation SAM3U Datasheet HTML 43Page - ATMEL Corporation SAM3U Datasheet HTML 44Page - ATMEL Corporation SAM3U Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 59 page
background image
41
6430ES–ATARM–22-Aug-11
SAM3U Series
10.13 Chip Identification
• Chip Identifier (CHIPID) registers permit recognition of the device and its revision.
• JTAG ID: 0x0582A03F
• JTAG ID: 0x0582A03F
10.14 PIO Controllers
• 3 PIO Controllers, PIOA, PIOB, and PIOC, controlling a maximum of 96 I/O Lines
• Each PIO Controller controls up to 32 programmable I/O Lines
– PIOA has 32 I/O Lines
– PIOB has 32 I/O Lines
– PIOC has 32 I/O Lines
• Fully programmable through Set/Clear Registers
• Multiplexing of two peripheral functions per I/O Line
• For each I/O Line (whether assigned to a peripheral or used as general purpose I/O)
– Input change, rising edge, falling edge, low level and level interrupt
– Debouncing and Glitch filter
– Multi-drive option enables driving in open drain
– Programmable pull up on each I/O line
– Pin data status register, supplies visibility of the level on the pin at any time
• Synchronous output, provides Set and Clear of several I/O lines in a single write
Table 10-1.
SAM3U Chip IDs Register - Engineering Samples
Chip Name
Flash Size
KByte
Pin Count
CHIPID_CIDR
CHIPID_EXID
SAM3U4C
256
100
0x28000960
0x0
SAM3U2C
128
100
0x280A0760
0x0
SAM3U1C
64
100
0x28090560
0x0
SAM3U4E
256
144
0x28100960
0x0
SAM3U2E
128
144
0x281A0760
0x0
SAM3U1E
64
144
0x28190560
0x0
Table 10-2.
SAM3U Chip IDs Register - Revision A Parts
Chip Name
Flash Size
KByte
Pin Count
CHIPID_CIDR
CHIPID_EXID
SAM3U4C (Rev A)
256
100
0x28000961
0x0
SAM3U2C (Rev A)
128
100
0x280A0761
0x0
SAM3U1C (Rev A)
64
100
0x28090561
0x0
SAM3U4E (Rev A)
256
144
0x28100961
0x0
SAM3U2E (Rev A)
128
144
0x281A0761
0x0
SAM3U1E (Rev A)
64
144
0x28190561
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com