Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM3U Datasheet(PDF) 39 Page - ATMEL Corporation

Part # SAM3U
Description  AT91SAM ARM-based Flash MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3U Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button SAM3U Datasheet HTML 35Page - ATMEL Corporation SAM3U Datasheet HTML 36Page - ATMEL Corporation SAM3U Datasheet HTML 37Page - ATMEL Corporation SAM3U Datasheet HTML 38Page - ATMEL Corporation SAM3U Datasheet HTML 39Page - ATMEL Corporation SAM3U Datasheet HTML 40Page - ATMEL Corporation SAM3U Datasheet HTML 41Page - ATMEL Corporation SAM3U Datasheet HTML 42Page - ATMEL Corporation SAM3U Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
39
6430ES–ATARM–22-Aug-11
SAM3U Series
10.6
Power Management Controller
The Power Management Controller provides all the clock signals to the system. It provides:
• the Processor Clock HCLK
• the Free running processor clock FCLK
• the Cortex SysTick external clock
• the Master Clock MCK, in particular to the Matrix and the memory interfaces
• the USB Device HS Clock UDPCK
• independent peripheral clocks, typically at the frequency of MCK
• three programmable clock outputs: PCK0, PCK1 and PCK2
The Supply Controller selects between the 32 kHz RC oscillator or the crystal oscillator. The
unused oscillator is disabled automatically so that power consumption is optimized.
By default, at startup the chip runs out of the Master Clock using the Fast RC Oscillator running
at 4 MHz.
Figure 10-3.
Power Management Controller Block Diagram
The SysTick calibration value is fixed at 10500, which allows the generation of a time base of
1 ms with SystTick clock to 10.5 MHz (max HCLK/8).
MCK
periph_clk[..]
int
SLCK
MAINCK
PLLACK
Prescaler
/1,/2,/4,...,/64
HCK
Processor
Clock
Controller
Sleep Mode
Master Clock Controller
Peripherals
Clock Controller
ON/OFF
USB Clock Controller
SLCK
MAINCK
PLLACK
Prescaler
/1,/2,/4,...,/64
Programmable Clock Controller
HSCK
pck[..]
PLLBCK
PLLBCK
UDPCK
ON/OFF
ON/OFF
FCLK
SystTick
Divider
/8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com