Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM3U Datasheet(PDF) 2 Page - ATMEL Corporation

Part # SAM3U
Description  AT91SAM ARM-based Flash MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3U Datasheet(HTML) 2 Page - ATMEL Corporation

  SAM3U Datasheet HTML 1Page - ATMEL Corporation SAM3U Datasheet HTML 2Page - ATMEL Corporation SAM3U Datasheet HTML 3Page - ATMEL Corporation SAM3U Datasheet HTML 4Page - ATMEL Corporation SAM3U Datasheet HTML 5Page - ATMEL Corporation SAM3U Datasheet HTML 6Page - ATMEL Corporation SAM3U Datasheet HTML 7Page - ATMEL Corporation SAM3U Datasheet HTML 8Page - ATMEL Corporation SAM3U Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
2
6430ES–ATARM–22-Aug-11
SAM3U Series
1.
SAM3U Description
Atmel's SAM3U series is a member of a family of Flash microcontrollers based on the high per-
formance 32-bit ARM Cortex-M3 RISC processor. It operates at a maximum speed of 96 MHz
and features up to 256 Kbytes of Flash and up to 52 Kbytes of SRAM. The peripheral set
includes a High Speed USB Device port with embedded transceiver, a High Speed MCI for
SDIO/SD/MMC, an External Bus Interface with NAND Flash controller, up to 4xUSARTs
(SAM3U1C/2C/4C have 3), up to 2xTWIs (SAM3U1C/2C/4C have 1), up to 5xSPIs
SAM3U1C/2C/4C have 4), as well as 4xPWM timers, 3xgeneral purpose 16-bit timers, an RTC,
a 12-bit ADC and a 10-bit ADC.
The SAM3U architecture is specifically designed to sustain high speed data transfers. It includes
a multi-layer bus matrix as well as multiple SRAM banks, PDC and DMA channels that enable it
to run tasks in parallel and maximize data throughput.
It can operate from 1.62V to 3.6V and comes in 100-pin and 144-pin LQFP and BGA packages.
The SAM3U device is particularly well suited for USB applications: data loggers, PC peripherals
and any high speed bridge (USB to SDIO, USB to SPI, USB to External Bus Interface).
1.1
Configuration Summary
The SAM3U series differ in memory sizes, package and features list. Table 1-1 summarizes the
configurations of the six devices.
Note:
1. The SRAM size takes into account the 4-Kbyte RAM buffer of the NAND Flash Controller (NFC) which can be used by the
core if not used by the NFC.
Table 1-1.
Configuration Summary
Device
Flash
Flash
Organization SRAM
Number
of PIOs
Number
of
USARTs
Number
of TWI
FWUP,
SHDN
pins
External Bus
Interface
HSMCI
data
size
Package
ADC
SAM3U4E
2x128
Kbytes
dual plane
52
Kbytes
96
4
2
Yes
8 or 16 bits,
4 chip selects,
24-bit address
8 bits
LQFP144
BGA144
2 (8+ 8
channels)
SAM3U2E
128
Kbytes
single plane
36
Kbytes
96
4
2
Yes
8 or 16 bits,
4 chip selects
24-bit address
8 bits
LQFP144
BGA144
2 (8+ 8
channels)
SAM3U1E
64
Kbytes
single plane
20
Kbytes
96
4
2
Yes
8 or 16 bits,
4 chip selects,
24-bit address
8 bits
LQFP144
BGA144
2 (8+ 8
channels)
SAM3U4C
2 x 128
Kbytes
dual plane
52
Kbytes
57
3
1
FWUP
8 bits,
2 chip selects,
8-bit address
4 bits
LQFP100
BGA100
2 (4+ 4
channels)
SAM3U2C
128
Kbytes
single plane
36
Kbytes
57
3
1
FWUP
8 bits,
2 chip selects, 8-
bit address
4 bits
LQFP100
BGA100
2 (4+ 4
channels)
SAM3U1C
64
Kbytes
single plane
20
Kbytes
57
3
1
FWUP
8 bits
2 chip selects,
8-bit address
4 bits
LQFP100
BGA100
2 (4+ 4
channels)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com