Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM3U Datasheet(PDF) 57 Page - ATMEL Corporation

Part # SAM3U
Description  AT91SAM ARM-based Flash MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3U Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button SAM3U Datasheet HTML 51Page - ATMEL Corporation SAM3U Datasheet HTML 52Page - ATMEL Corporation SAM3U Datasheet HTML 53Page - ATMEL Corporation SAM3U Datasheet HTML 54Page - ATMEL Corporation SAM3U Datasheet HTML 55Page - ATMEL Corporation SAM3U Datasheet HTML 56Page - ATMEL Corporation SAM3U Datasheet HTML 57Page - ATMEL Corporation SAM3U Datasheet HTML 58Page - ATMEL Corporation SAM3U Datasheet HTML 59Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 57 / 59 page
background image
57
6430ES–ATARM–22-Aug-11
SAM3U Series
Revision History
In the tables that follow, the most recent version of the document appears first.
“rfo” indicates changes requested during the review and approval loop.
Doc. Rev
6430ES
Comments
Change
Request
Ref.
Comment in front of rows PA24 and PA25 removed, and put as a footnote(3) for TWD1 and TWCK1.
Figure 5-5, “Fast Start-Up Sources”, ‘Falling/Rising Edge Detector’ changed to ‘High/Low Level Detector’ in 3
blocks.
Table 11-2, “Multiplexing on PIO Controller A (PIOA)”, “Peripheral B” column, PA2 and PA17 texts
exchanged.
7724
7922
7954
Doc. Rev
6430DS
Comments
Change
Request
Ref.
Table 3-1, “Signal Description List”, Note (4) added to TDO Output.
7635
TWD1 and TWCK1 removed from Figure 2-2, “100-pin SAM3U4/2/1C Block Diagram”.7624
Section 10.13 ”Chip Identification”, (Rev A) was removed from Table 10-1.7642
Section 5.5.2 ”Wait Mode”, sentence starting with ‘By configuring...’ --> ‘This is done by configuring...’
7492
A typo fixed in Section 9.1.1 ”Internal SRAM”: 4224 Kbytes --> 4224 bytes.
7305
Backpage, a typo fixed: ‘tehincal’ --> ‘technical’
7536
Doc. Rev
6430CS
Comments
Change
Request
Ref.
Section 2. ”SAM3U Block Diagram”, changed orientation of block diagrams.
Section 5. ”Power Considerations”, fixed grammar in Voltage ranges.
Section 3. ”Signal Description”, USART signal DCD0 is an Input
rfo
6681
Figure 5-1 ”Single Supply”, Main supply range is 1.8V-3.6V.
Figure 5-1, Figure 5-2, Figure 5-3, updated “Note” below figures, “With Main Supply <2.0V USB and ADC are
not usable.
6698
Section 5.5 ”Low Power Modes”, stray references to WUPx pins, renamed WKUPx
6711
Table 5-1, “Low Power Mode Configuration Summary”, updated footnote “5”.
6964
Table 11-2, “Multiplexing on PIO Controller A (PIOA)”, TWD1 and TWCK1 only available on 144-pin version.
6686
Section 10.13 ”Chip Identification”
Table 10-2, “SAM3U Chip IDs Register - Revision A Parts”, added to datasheet.
Section 12.4 ”Universal Synchronous Asynchronous Receiver Transmitter (USART)”...“SCK up to MCK/6”
6951
rfo
→7097



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com