Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM3U Datasheet(PDF) 5 Page - ATMEL Corporation

Part # SAM3U
Description  AT91SAM ARM-based Flash MCU
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3U Datasheet(HTML) 5 Page - ATMEL Corporation

  SAM3U Datasheet HTML 1Page - ATMEL Corporation SAM3U Datasheet HTML 2Page - ATMEL Corporation SAM3U Datasheet HTML 3Page - ATMEL Corporation SAM3U Datasheet HTML 4Page - ATMEL Corporation SAM3U Datasheet HTML 5Page - ATMEL Corporation SAM3U Datasheet HTML 6Page - ATMEL Corporation SAM3U Datasheet HTML 7Page - ATMEL Corporation SAM3U Datasheet HTML 8Page - ATMEL Corporation SAM3U Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
5
6430ES–ATARM–22-Aug-11
SAM3U Series
3.
Signal Description
Table 3-1 gives details on the signal names classified by peripheral.
Table 3-1.
Signal Description List
Signal Name
Function
Type
Active
Level
Voltage
Reference
Comments
Power Supplies
VDDIO
Peripherals I/O Lines Power Supply
Power
1.62V to 3.6V
VDDIN
Voltage Regulator Input
Power
1.8V to 3.6V
VDDOUT
Voltage Regulator Output
Power
1.8V
VDDUTMII
USB UTMI+ Interface Power Supply
Power
3.0V to 3.6V
GNDUTMII
USB UTMI+ Interface Ground
Ground
VDDBU
Backup I/O Lines Power Supply
Power
1.62V to 3.6V
GNDBU
Backup Ground
Ground
VDDPLL
PLL A, UPLL and OSC 3-20 MHz Power Supply
Power
1.62 V to 1.95V
GNDPLL
PLL A, UPLL and OSC 3-20 MHz Ground
Ground
VDDANA
ADC Analog Power Supply
Power
2.0V to 3.6V
GNDANA
ADC Analog Ground
Ground
VDDCORE
Core, Memories and Peripherals Chip Power
Supply
Power
1.62V to 1.95V
GND
Ground
Ground
Clocks, Oscillators and PLLs
XIN
Main Oscillator Input
Input
VDDPLL
XOUT
Main Oscillator Output
Output
XIN32
Slow Clock Oscillator Input
Input
VDDBU
XOUT32
Slow Clock Oscillator Output
Output
VBG
Bias Voltage Reference
Analog
PCK0 - PCK2
Programmable Clock Output
Output
VDDIO
Shutdown, Wakeup Logic
SHDN
Shut-Down Control
Output
VDDBU
push/pull
0: The device is in
backup mode
1: The device is running
(not in backup mode)
FWUP
Force Wake-Up Input
Input
Low
Needs external pull-up
Serial Wire/JTAG Debug Port (SWJ-DP)
TCK/SWCLK
Test Clock/Serial Wire Clock
Input
VDDIO
No pull-up resistor
TDI
Test Data In
Input
No pull-up resistor
TDO/TRACESWO
Test Data Out/Trace Asynchronous Data Out
Output(4)
TMS/SWDIO
Test Mode Select/Serial Wire Input/Output
Input
No pull-up resistor
JTAGSEL
JTAG Selection
Input
High
VDDBU
Internal permanent
pull-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com