Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5812ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5812ACPZ-R7
Description  Dual High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5812ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL5812ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ADL5812
Rev. 0 | Page 3 of 28
SPECIFICATIONS
VS = 5 V, TA = 25°C, fRF = 1900 MHz, fLO = 1697 MHz, RF power = −10 dBm, LO power = 0 dBm, R1 = R2 = 1200 Ω, ZO = 50 Ω, optimum
SPI settings, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RF INPUT INTERFACE
Return Loss
Tunable to >20 dB broadband via serial port
10
dB
Input Impedance
50
Ω
RF Frequency Range
700
2800
MHz
OUTPUT INTERFACE
Output Impedance
Differential impedance, f = 200 MHz
260||1.2
Ω||pF
IF Frequency Range
30
450
MHz
DC Bias Voltage1
Externally generated
VS
V
LO INTERFACE
LO Power
−6
0
+10
dBm
Return Loss
13.3
dB
Input Impedance
50
Ω
LO Frequency Range
Low-side or high-side LO
250
2800
MHz
DYNAMIC PERFORMANCE
Power Conversion Gain
Including 4:1 IF port transformer and PCB loss
6.7
dB
Voltage Conversion Gain
ZSOURCE = 50 Ω, differential ZLOAD = 200 Ω differential
13.1
dB
SSB Noise Figure
11.6
dB
SSB Noise Figure Under Blocking
5 dBm blocker present ±10 MHz from wanted RF input,
LO source filtered
21
dB
Input Third-Order Intercept
fRF1 = 1900 MHz, fRF2 = 1901 MHz, fLO = 1697 MHz, each RF tone
at −10 dBm
27.2
dBm
Input Second-Order Intercept
fRF1 = 1900 MHz, fRF2 = 2000 MHz, fLO = 1697 MHz, each RF tone
at −10 dBm
55
dBm
Input 1 dB Compression Point
12.5
dBm
LO-to-IF Output Leakage
Unfiltered IF output
−37
dBm
LO-to-RF Input Leakage
−46
dBm
RF-to-IF Output Isolation
26
dB
IF/2 Spurious
−10 dBm input power
−70
dBc
IF/3 Spurious
−10 dBm input power
−78
dBc
POWER INTERFACE
Supply Voltage, VS
3.6
5
5.5
V
Quiescent Current
Resistor programmable IF current
412
mA
Power-Down Current
1.5
mA
1 Supply voltage must be applied from external circuit through choke inductors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com