Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5812ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADL5812ACPZ-R7
Description  Dual High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5812ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADL5812ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
ADL5812
Rev. 0 | Page 25 of 28
EVALUATION BOARD
An evaluation board is available for the ADL5812. The standard
evaluation board schematic is presented in Figure 62. The USB
interface circuitry schematic is presented in Figure 65. The
evaluation board layout is shown in Figure 63 and Figure 64.
The evaluation board is fabricated using Rogers® 3003 material.
Table 12 details the configuration for the mixer characterization.
The evaluation board software is available on www.analog.com.
VCC
RED
BLK
VPOS
AGND
C25
22pF
C24
22pF
RFIN2
C17
22pF
RFIN2
C6
22pF
RFIN1
30
29
28
27
26
25
24
23
22
21
1
PAD
VCC
VCC
VCC
VCC
C3
120pF
C4
120pF
C2
0.1µF
C13
10pF
VCC
C14
10pF
C12
10pF
C11
10pF
C5
120pF
C8
0.1µF
C7
22pF
C2.3
10pF
3
4
6
2
1
C1
0.1µF
IFON
IFOP
R20
OPEN
R21
0Ω
R1
910Ω
T1
TC4-1W+
L1
470nH
L2
470nH
VCC
VCC
VCC
VCC
VCC
C3
120pF
C4
120pF
C27
0.1µF
C20
10pF
C19
10pF
C18
10pF
C16
22pF
C15
10pF
C30
120pF
3
4
6
2
1
C26
0.1µF
IFON
IFOP
R23
OPEN
R22
0Ω
R2
910Ω
T1
TC4-1W+
L3
470nH
L4
470nH
RF1
RFCT1
NC
NC
NC
NC
NC
NC
RFCT2
RF2
V1LO1
NC
NC
NC
LOIP
LOIN
LE
DATA
CLK
LE
DATA
CLK
V2LO1
ADL5812
2
3
4
5
6
7
8
9
10
Figure 62. Evaluation Board Schematic
Table 12. Evaluation Board Configuration
Components
Description
Default Conditions
C1, C2, C8, C11, C12,
C13, C14, C15, C18,
C19, C20, C23, C26,
C27
Power supply decoupling. Nominal supply decoupling consists of a
0.1 μF capacitor to ground in parallel with a 10 pF capacitor to
ground positioned as close to the device as possible.
C1, C2, C26, C27 = 0.1 μF (size 0402),
C8, C11, C12, C13, C14, C15, C18, C19,
C20, C23 = 10 pF (size 0402)
C6, C7, C24, C25
RF input interface. The input channels are ac-coupled through C6 and
C24. C7 and C25 provide bypassing for the center tap of the RF input
baluns.
C6, C24 = 22 pF (size 0402),
C7, C25 = 22 pF (size 0402)
C3, C4, C5, C28, C29,
C30, L1, L2, L3, L4,
R20, R21, R22, R23,
T1, T2
IF output interface. The open-collector IF output interfaces are biased
through pull-up choke inductors L1, L2, L3, and L4. T1 and T2 are 4:1
impedance transformers used to provide single-ended IF output
interfaces, with C5 and C30 providing center-tap bypassing. Remove
R21 and R22 for balanced output operation.
C3, C4, C5, C28, C29, C30 = 120 pF (size 0402),
L1, L2, L3, L4 = 470 nH (size 0603),
R20, R23 = open,
R21, R22 = 0 Ω (size 0402),
T1, T2 = TC4-1W+ (Mini-Circuits®)
C17
LO interface. C17 provides ac coupling for the LOIP local oscillator input.
C17 = 22 pF (size 0402)
R1, R2
Bias control. R1and R2 set the bias point for the internal IF amplifier.
R1, R2 = 910 Ω (size 0402)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com