Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5812ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADL5812ACPZ-R7
Description  Dual High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5812ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADL5812ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
ADL5812
Rev. 0 | Page 26 of 28
Figure 63. Evaluation Board Top Layer
Figure 64. Evaluation Board Bottom Layer
DECOUPLING FOR U6
330PF
330PF
330PF
5V_USB
897-43-005-00-100001
J6
G1
G2
G3
G4
1
2
3
4
5
22PF
C40
24.000000MHZ
Y2
24
1
3
22PF
C41
3V3_USB
3P3V
C37
C36
C38
R9
R10
R7
R8
7
8
5
6
4
3
2
1
U7
C35
C34
C39
R13
R14
R12
R11
C49
R15
C50
R16
C51
R19
R18
R17
3
2
1
P1
4
5
44
16
15
42
14
2
1
52
51
50
49
48
47
46
45
25
24
23
22
21
20
19
18
40
39
38
37
36
35
34
33
13
8
9
31
30
29
54
U6
6
PAD
2
1
8
7
5
3
U5
1
1
DGND
R5
R6
C48
C46
C47
C44
C45
C42
C43
D1
R3
C31
R4
C32
C33
DNI
DNI
BLK
ORG
140K
24LC64-I-SN
3V3_USB
10PF
3V3_USB
0.1UF
3V3_USB
CY7C68013A-56LTXC
3V3_USB
DNI
TBD0402
3V3_USB
1.0UF
CLK
DATA
LE
2K
2K
0.1UF
0.1UF
100K
100K
10PF
0
1K
DNI
0
0
1K
DNI
TBD0402
DNI
1K
DNI
TBD0402
DNI
0
0
0
SAMTECTSW10608GS3PIN
0.1UF
0.1UF
0.1UF
0.1UF
0.1UF
0.1UF
0.1UF
1000PF
78.7K
ADP3334ACPZ
1.0UF
2K
0
5V_USB
0.1UF
DGND
DGND
DGND
DGND
DGND
DGND
AGND
DGND
DGND
DGND
DGND
DGND
DGND
GND
SCL
SDA
WC_N
A2
A1
A0
VCC
DGND
DGND
DGND
CASE
DGND
DGND
PINS
GND
DGND
DGND
DGND
DGND
DGND
DGND
PAD
CLKOUT
PD7_FD15
PD6_FD14
PD5_FD13
PD4_FD12
PD3_FD11
PD2_FD10
PD1_FD9
PD0_FD8
WAKEUP
RESET_N
PA7_FLAGD_SLCS_N
PA6_PKTEND
PA5_FIFOADR1
PA4_FIFOADR0
PA3_WU2
PA2_SLOE
PA1_INT1_N
PA0_INT0_N
VCC
CTL2_FLAGC
CTL1_FLAGB
CTL0_FLAGA
GND
PB7_FD7
PB6_FD6
PB5_FD5
PB4_FD4
PB3_FD3
PB2_FD2
PB1_FD1
PB0_FD0
SDA
SCL
RESERVED
IFCLK
DMINUS
DPLUS
AGND
XTALIN
XTALOUT
AVCC
RDY1_SLWR
RDY0_SLRD
IN1
IN2 OUT2
OUT1
PAD
FB
GND
SD_N
DGND
DGND
Figure 65. USB Interface Circuitry on the Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com