Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5812ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5812ACPZ-R7
Description  Dual High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5812ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5812ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Dual High IP3, 700 MHz to 2800 MHz, Double Balanced,
Passive Mixer, IF Amplifier, and Wideband LO Amplifier
ADL5812
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
RF frequency: 700 MHz to 2800 MHz continuous
LO frequency: 250 MHz to 2800 MHz, high-side or
low-side inject
IF range: 30 MHz to 450 MHz
Power conversion gain of 6.7 dB at 1900 MHz
SSB noise figure of 11.6 dB at 1900 MHz
Input IP3 of 27.2 dBm at 1900 MHz
Input P1dB of 12.5 dBm at 1900 MHz
Typical LO drive of 0 dBm
Single-ended, 50 Ω RF port
Single-ended or balanced LO input port
Single-supply operation: 3.6 V to 5.0 V
Serial port interface control on all functions
Exposed paddle 6 mm × 6 mm, 40-lead LFCSP package
APPLICATIONS
Multiband/multistandard cellular base station diversity
receivers
Wideband radio link diversity downconverters
Multimode cellular extenders and broadband receivers
FUNCTIONAL BLOCK DIAGRAM
RF1
SERIAL
PORT
INTERFACE
BIAS
GEN
ADL5812
RFCT1
NC
NC
NC
NC
NC
NC
RFCT2
RF2
V1LO1
NC
NC
NC
LOIP
LOIN
LE
DATA
CLK
V2LO1
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Figure 1.
GENERAL DESCRIPTION
The ADL5812 uses revolutionary new broadband, square wave
limiting, local oscillator (LO) amplifiers to achieve an
unprecedented radio frequency (RF) bandwidth of 700 MHz
to 2800 MHz. Unlike conventional narrow-band sine wave LO
amplifier solutions, this permits the LO to be applied either
above or below the RF input over an extremely wide bandwidth.
Because energy storage elements are not used, the dc current
consumption also decreases with decreasing LO frequency.
The ADL5812 uses highly linear, doubly balanced, passive mixer
cores along with integrated RF and LO balancing circuits to
allow single-ended operation. The ADL5812 incorporates
programmable RF baluns, allowing optimal performance over
a 700 MHz to 2800 MHz RF input frequency. The balanced
passive mixer arrangement provides outstanding LO-to-RF and
LO-to-IF leakages, excellent RF-to-IF isolation, and excellent
intermodulation performance over the full RF bandwidth.
The balanced mixer cores also provide extremely high input
linearity, allowing the device to be used in demanding
wideband applications where in-band blocking signals may
otherwise result in the degradation of dynamic range. Blocker
noise figure performance is comparable to narrow-band passive
mixer designs. High linearity IF buffer amplifiers follow the
passive mixer cores, yielding typical power conversion gains of
6.7 dB, and can be used with a wide range of output
impedances. For low voltage applications, the ADL5812 is
capable of operation at voltages down to 3.6 V with
substantially reduced current. Two logic bits are provided to
individually power down (1.5 mA for both channels) the two
channels as desired.
All features of the ADL5812 are controlled via a 3-wire serial
port interface, resulting in optimum performance and
minimum external components.
The ADL5812 is fabricated using a BiCMOS high performance
IC process. The device is available in a 40-lead, 6mm × 6mm,
LFCSP package and operates over a −40°C to +85°C
temperature range. An evaluation board is also available.


Similar Part No. - ADL5812ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5811 AD-ADL5811 Datasheet
672Kb / 28P
High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
REV. 0
ADL5811-EVALZ AD-ADL5811-EVALZ Datasheet
672Kb / 28P
High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
REV. 0
ADL5811ACPZ-R7 AD-ADL5811ACPZ-R7 Datasheet
672Kb / 28P
High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
REV. 0
More results

Similar Description - ADL5812ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAMXES0075 MACOM-MAMXES0075 Datasheet
68Kb / 2P
High IP3 Mixer with LO Amplifier 823 - 851 MHz
logo
Analog Devices
ADL5355 AD-ADL5355 Datasheet
591Kb / 24P
1200 MHz to 2500 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5357 AD-ADL5357 Datasheet
593Kb / 24P
500 MHz to 1700 MHz Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5356 AD-ADL5356 Datasheet
493Kb / 24P
1200 MHz to 2500 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
ADL5358 AD-ADL5358 Datasheet
404Kb / 24P
500 MHz to 1700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
REV. 0
logo
Hittite Microwave Corpo...
HMC686LP4 HITTITE-HMC686LP4 Datasheet
1Mb / 18P
BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1500 MHz
HMC786LP4E HITTITE-HMC786LP4E_10 Datasheet
770Kb / 10P
BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1100 MHz
logo
Analog Devices
ADL5811 AD-ADL5811 Datasheet
672Kb / 28P
High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
REV. 0
logo
Mini-Circuits
MDA4-752H MINI-MDA4-752H Datasheet
261Kb / 5P
Wideband Double Balanced Mixer-Amplifier
logo
Analog Devices
ADL5354 AD-ADL5354 Datasheet
438Kb / 24P
2200 MHz to 2700 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com