Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5812ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL5812ACPZ-R7
Description  Dual High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5812ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL5812ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ADL5812
Rev. 0 | Page 23 of 28
VGS PROGRAMMING
The ADL5812 allows programmability for internal gate-to-source
voltages for optimizing mixer performance over the desired
frequency bands. The ADL5812 defaults the VGS setting to 0. Both
channels of the ADL5812 are programmed together using the
same VGS setting. Power conversion gain, input IP3, NF, and input
P1dB can be optimized, as shown in Figure 39 and Figure 40.
LOW-PASS FILTER PROGRAMMING
The ADL5812 allows programmability for the low-pass filter
terminating the mixer output. This filter helps to block sum term
mixing products at the expense of some noise figure and gain
and can significantly increase input IP3. The ADL5812 defaults the
LPF setting to 0. Both channels of the ADL5812 are programmed
together using the same LPF settings. Power conversion gain,
input IP3, NF, and input P1dB can be optimized, as shown in
Figure 49 to Figure 52.
RF BALUN PROGRAMMING
The ADL5812 allows programmability for the RF balun by
allowing capacitance to be switched into both the input and the
output, which allows the balun to be tuned to cover the entire
frequency band (700 MHz to 2800 MHz). Under most circum-
stances, the input and output can be tuned together though
sometimes it may be advantageous for matching reasons to tune
them separately. The ADL5812 defaults the RFB setting to 0. Both
channels of the ADL5812 are programmed together using the same
RFB settings. Power conversion gain, input IP3, NF, and input
P1dB can be optimized, as shown in Figure 45 and Figure 48.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com