Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5812ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5812ACPZ-R7
Description  Dual High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5812ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5812ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
ADL5812
Rev. 0 | Page 15 of 28
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
RF FREQUENCY (MHz)
RF FREQUENCY (MHz)
0
1
2
3
4
5
6
7
8
9
10
LPF = 0
LPF = 1
LPF = 2
LPF = 3
Figure 49. Conversion Gain vs. RF Frequency for All LPF Settings,
RFB and VGS Use Optimum Settings
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
RF FREQUENCY (MHz)
RF FREQUENCY (MHz)
10
12
14
16
18
20
22
24
26
28
30
LPF = 0
LPF = 1
LPF = 2
LPF = 3
Figure 50. Input IP3 vs. RF Frequency for All LPF Settings,
RFB and VGS Use Optimum Settings
0
2
4
6
8
10
12
14
16
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
RF FREQUENCY (MHz)
RF FREQUENCY (MHz)
LPF = 0
LPF = 1
LPF = 2
LPF = 3
Figure 51. Input P1dB vs. RF Frequency for All LPF Settings,
RFB and VGS Use Optimum Settings
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
RF FREQUENCY (MHz)
RF FREQUENCY (MHz)
6
7
8
9
10
11
12
13
14
15
16
LPF = 0
LPF = 1
LPF = 2
LPF = 3
Figure 52. Noise Figure vs. RF Frequency for All LPF Settings,
RFB and VGS Use Optimum Settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com