Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5812ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5812ACPZ-R7
Description  Dual High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5812ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5812ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADL5812
Rev. 0 | Page 8 of 28
250
300
350
400
450
200
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
VPOS = 4.75V
VPOS = 5.00V
VPOS = 5.25V
Figure 10. Supply Current vs. Temperature
5.0
5.5
6.0
6.5
7.0
7.5
8.0
–40
–20
0
20
406080
TEMPERATURE (°C)
VPOS = 4.75V
VPOS = 5.00V
VPOS = 5.25V
Figure 11. Power Conversion Gain vs. Temperature
20
21
22
23
24
25
26
27
28
29
30
–40
–20
0
2040
6080
TEMPERATURE (°C)
VPOS = 4.75V
VPOS = 5.00V
VPOS = 5.25V
Figure 12. Input IP3 vs. Temperature
–40
–20
0
20406080
TEMPERATURE (°C)
45
47
49
51
53
55
57
59
61
63
65
VPOS = 4.75V
VPOS = 5.00V
VPOS = 5.25V
Figure 13. Input IP2 vs. Temperature
–40
–20
0
20406080
TEMPERATURE (°C)
9
10
11
12
13
14
15
16
VPOS = 4.75V
VPOS = 5.00V
VPOS = 5.25V
Figure 14. Input P1dB vs. Temperature
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
8
9
10
11
12
13
14
VPOS = 4.75V
VPOS = 5.00V
VPOS = 5.25V
Figure 15. SSB Noise Figure vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com