Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5812ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5812ACPZ-R7
Description  Dual High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5812ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5812ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ADL5812
Rev. 0 | Page 18 of 28
Table 7. RF = 2500 MHz, LO = 2297 MHz
M
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
0
0
−29.3
−41.2
1
−26.2
0.0
−45.0
−46.1
2
−84.5
−72.0
−57.9
−67.1
−96.5
3
<−100
−87.7
−83.4
<−100
<−100
4
<−100
<−100
<−100
<−100
<−100
5
<−100
<−100
<−100
<−100
<−100
<−100
6
<−100
<−100
<−100
<−100
<−100
<−100
7
<−100
<−100
<−100
<−100
<−100
8
<−100
<−100
<−100
<−100
<−100
9
<−100
<−100
<−100
<−100
<−100
10
<−100
<−100
<−100
<−100
<−100
11
<−100
<−100
<−100
<−100
<−100
12
<−100
<−100
<−100
<−100
13
<−100
<−100
<−100
14
<−100
<−100
N
15
<−100
3.6 V Performance
VS = 5 V, TA = 25°C, RF power = −10 dBm, LO power = 0 dBm, R1 = R2 = 800 Ω, ZO = 50 Ω, optimum SPI settings, unless otherwise noted.
Table 8. RF = 900 MHz, LO = 697 MHz
M
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
0
−44.7
−24.2
−35.2
−25.5
−46.6
−45.9
−64.1
−65.9
1
−30.9
0.0
−34.6
−19.9
−57.5
−39.2
−59.8
−50.8
−76.1
−60.0
2
−69.9
−56.7
−79.4
−57.4
−65.0
−76.9
−77.5
−92.8
−85.8
<−100
<−100
<−100
3
−84.9
−78.6
−95.9
−82.8
−96.0
−80.8
<−100
−96.7
<−100
<−100
<−100
<−100
<−100
4
<−100
<−100
−94.6
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
5
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
6
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
7
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
8
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
9
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
10
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
11
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
12
<−100
<−100
<−100
<−100
<−100
<−100
<−100
<−100
13
<−100
<−100
<−100
<−100
<−100
<−100
14
<−100
<−100
N
15
<−100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com