Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5812ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5812ACPZ-R7
Description  Dual High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5812ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5812ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADL5812
Rev. 0 | Page 12 of 28
–35
–30
–25
–20
–15
–10
700
900 1100 1300 1500 1700 1900 2100 2300 2500 2700
RF FREQUENCY (MHz)
TA =–40°C
TA = +25°C
TA =+85°C
Figure 34. RF-to-IF Isolation vs. RF Frequency
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
500
700
900 1100 1300 1500 1700 1900 2100 2300 2500
LO FREQUENCY (MHz)
TA =–40°C
TA = +25°C
TA =+85°C
Figure 35. LO-to-IF Leakage vs. LO Frequency
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
500
700
900 1100 1300 1500 1700 1900 2100 2300 2500
LO FREQUENCY (MHz)
TA =–40°C
TA = +25°C
TA =+85°C
Figure 36. LO-to-RF Leakage vs. LO Frequency
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
500
700
900 1100 1300 1500 1700 1900 2100 2300 2500
LO FREQUENCY (MHz)
2 × LO TO RF
2 × LO TO IF
Figure 37. 2XLO Leakage vs. LO Frequency
–70
–65
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
500
700
900 1100 1300 1500 1700 1900 2100 2300 2500
LO FREQUENCY (MHz)
3 × LO TO RF
3 × LO TO IF
Figure 38. 3XLO Leakage vs. LO Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com