Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5812ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5812ACPZ-R7
Description  Dual High IP3, 700 MHz to 2800 MHz, Double Balanced, Passive Mixer, IF Amplifier, and Wideband LO Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5812ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5812ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5812ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADL5812
Rev. 0 | Page 6 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. NC = NO CONNECT. CAN BE GROUNDED.
2. EXPOSED PAD MUST BE CONNECTED
TO GROUND.
RF1
RFCT1
NC
NC
NC
NC
NC
NC
RFCT2
RF2
V1LO1
NC
NC
NC
LOIP
LOIN
LE
DATA
CLK
V2LO1
1
2
3
4
5
6
7
8
9
10
23
24
25
26
27
28
29
30
22
21
ADL5812
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 10
RF1, RF2
RF Input. Should be ac-coupled.
2, 9
RFCT1, RFCT2
RF Balun Center Tap (AC Ground).
3 to 8, 13, 16, 27 to 29, 35, 38
NC
No Connect. Can be grounded.
11, 40
VPIF1, VPIF2
Supply Voltage for IF Amplifier.
12, 39
IFGM1, IFGM2
IF Amplifier Bias Control.
14, 15, 36, 37
IFOP1, IFOP2, IFON1, IFON2
Differential Open-Collector IF Outputs. Should be pulled up to VCC via
external inductors.
17, 34
IFGD1, IFGD2
Supply Return for IF Amplifier. Must be grounded.
18 to 21, 30 to 33
V1LO1, V1LO2, V1LO3, V1LO4,
V2LO1, V2LO2, V2LO3, V2LO4
Positive Supply Voltages for LO Amplifiers.
22, 23, 24
CLK, DATA, LE
Serial Port Interface Control.
25
LOIN
Ground Return for LO Input. Must be ac coupled.
26
LOIP
LO Input. Should be ac-coupled.
EPAD
Exposed pad must be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com