Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 39 Page - Texas Instruments

Back Button CC1021 Datasheet HTML 35Page - Texas Instruments CC1021 Datasheet HTML 36Page - Texas Instruments CC1021 Datasheet HTML 37Page - Texas Instruments CC1021 Datasheet HTML 38Page - Texas Instruments CC1021 Datasheet HTML 39Page - Texas Instruments CC1021 Datasheet HTML 40Page - Texas Instruments CC1021 Datasheet HTML 41Page - Texas Instruments CC1021 Datasheet HTML 42Page - Texas Instruments CC1021 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 94 page
background image
CC1021
SWRS045C
Page 39 of 87
•
Frequency register setting is switched
between A and B
This feature is useful to avoid AGC
operation during start-up transients and to
ensure
minimum
dwell
time
using
frequency hopping. This means that bit
synchronization can be maintained from
hop to hop.
VGA_WAIT determines the time to hold
the present bit synchronization and RSSI
levels after changing VGA gain. This
feature is useful to avoid AGC operation
during the settling of transients after a
VGA gain change. Some transients are
expected due to DC offsets in the VGA.
At the sensitivity limit, the VGA gain is set
by VGA_SETTING. In order to optimize
selectivity, this gain should not be set
higher than necessary. The SmartRF®
Studio software gives the settings for
VGA1 – VGA4 registers. For reference,
the following method can be used to find
the AGC settings:
1. Disable AGC and use maximum LNA2 gain by
writing BFh to the VGA2 register. Set minimum
VGA gain by writing to the VGA3 register with
VGA_SETTING
= 0.
2. Apply no RF input signal, and measure ADC noise
floor by reading the RSSI register.
3. Apply no RF input signal, and write VGA3 register
with increasing VGA_SETTING value until the
RSSI
register value is approximately 4 larger than
the value read in step 2. This places the front-end
noise floor around 6 dB above the ADC noise floor.
4. Apply an RF signal with strength equal the desired
carrier sense threshold. The RF signal should
preferably be modulated with correct Baud rate and
deviation. Read the RSSI register value, subtract 8,
and write to CS_LEVEL in the VGA4 register. Vary
the RF signal level slightly and check that carrier
sense indication (bit 3 in STATUS register)
switches at the desired input level.
5. If desired, adjust the VGA_UP and VGA_DOWN
settings according to the explanation in Figure 20.
6. Enable AGC and select LNA2 gain change level.
Write 55h to VGA2 register if the resulting
VGA_SETTING>10
. Otherwise, write 45h to VGA2.
Modify AGC_AVG in the above VGA2 value if
faster carrier sense and AGC settling is desired.
RSSI Level
0
Zero level depends on front-end settings and VGA_SETTING
value.
CS_LEVEL+8
VGA_UP
VGA_DOWN+3
(signal strength, 1.5dB/step)
Carrier sense is turned on here.
AGC increases gain if below this
level (unless at maximum).
AGC decreases gain if above
this level (unless at minimum).
To set CS_LEVEL, subtract 8 from RSSI readout with RF
input signal at desired carrier sense level.
Note that the AGC works with "raw" filter output signal
strength, while the RSSI readout value is compensated for
VGA gain changes by the AGC.
The AGC keeps the signal strength in this range. Minimize
VGA_DOWN for best selectivity, but leave some margin to
avoid frequent VGA gain changes during reception.
The AGC keeps the signal strength above carrier sense level
+ VGA_UP. Minimize VGA_UP for best selectivity, but
increase if first VGA gain reduction occurs too close to the
noise floor.
Figure 20. Relationship between RSSI, carrier sense level, and AGC settings CS_LEVEL,
VGA_UP and VGA_DOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com