Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021 Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 66 Page - Texas Instruments

Back Button CC1021 Datasheet HTML 62Page - Texas Instruments CC1021 Datasheet HTML 63Page - Texas Instruments CC1021 Datasheet HTML 64Page - Texas Instruments CC1021 Datasheet HTML 65Page - Texas Instruments CC1021 Datasheet HTML 66Page - Texas Instruments CC1021 Datasheet HTML 67Page - Texas Instruments CC1021 Datasheet HTML 68Page - Texas Instruments CC1021 Datasheet HTML 69Page - Texas Instruments CC1021 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 94 page
background image
CC1021
SWRS045C
Page 66 of 87
MAIN Register (00h)
REGISTER
NAME
Default
value
Active
Description
MAIN[7]
RXTX
-
-
RX/TX switch, 0: RX , 1: TX
MAIN[6]
F_REG
-
-
Selection of Frequency Register,
0: Register A, 1: Register B
MAIN[5:4]
PD_MODE[1:0]
-
-
Power down mode
0 (00): Receive Chain in power-down in TX, PA in power-down in
RX
1 (01): Receive Chain and PA in power-down in both TX and RX
2 (10): Individual modules can be put in power-down by
programming the POWERDOWN register
3 (11): Automatic power-up sequencing is activated (see below)
MAIN[3]
FS_PD
-
H
Power Down of Frequency Synthesizer
MAIN[2]
XOSC_PD
-
H
Power Down of Crystal Oscillator Core
MAIN[1]
BIAS_PD
-
H
Power Down of BIAS (Global Current Generator) and Crystal
Oscillator Buffer
MAIN[0]
RESET_N
-
L
Reset, active low. Writing RESET_N low will write default values to
all other registers than MAIN. Bits in MAIN do not have a default
value and will be written directly through the configuration
interface. Must be set high to complete reset.
MAIN Register (00h) when using automatic power-up sequencing (RXTX = 0, PD_MODE[1:0] =11)
REGISTER
NAME
Default
value
Active
Description
MAIN[7]
RXTX
-
-
Automatic power-up sequencing only works in RX (RXTX=0)
MAIN[6]
F_REG
-
-
Selection of Frequency Register, 0: Register A, 1: Register B
MAIN[5:4]
PD_MODE[1:0]
-
H
Set PD_MODE[1:0]=3 (11) to enable sequencing
MAIN[3:2]
SEQ_CAL[1:0]
-
-
Controls PLL calibration before re-entering power-down
0: Never perform PLL calibration as part of sequence
1: Always perform PLL calibration at end of sequence
2: Perform PLL calibration at end of every 16
th sequence
3: Perform PLL calibration at end of every 256
th sequence
MAIN[1]
SEQ_PD
-
↑
↑1: Put the chip in power down and wait for start of new power-up
sequence
MAIN[0]
RESET_N
-
L
Reset, active low. Writing RESET_N low will write default values to
all other registers than MAIN. Bits in MAIN do not have a default
value and will be written directly through the configuration
interface. Must be set high to complete reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com