Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC1021 Datasheet HTML 7Page - Texas Instruments CC1021 Datasheet HTML 8Page - Texas Instruments CC1021 Datasheet HTML 9Page - Texas Instruments CC1021 Datasheet HTML 10Page - Texas Instruments CC1021 Datasheet HTML 11Page - Texas Instruments CC1021 Datasheet HTML 12Page - Texas Instruments CC1021 Datasheet HTML 13Page - Texas Instruments CC1021 Datasheet HTML 14Page - Texas Instruments CC1021 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 94 page
background image
CC1021
SWRS045C
Page 11 of 87
4.3.
RSSI / Carrier Sense Section
Parameter
Min
Typ
Max
Unit
Condition / Note
RSSI dynamic range
55
dB
See section 12.5 on page 33 for
details.
RSSI accuracy
± 3
dB
See section 12.5 on page 33 for
details.
RSSI linearity
± 1
dB
RSSI attach time
51.2 kHz channel filter BW
102.4 kHz channel filter BW
307.2 kHz channel filter BW
730
380
140
µs
µs
µs
Shorter RSSI attach times can be
traded for lower RSSI accuracy.
See section 12.5 on page 33 for
details.
Shorter RSSI attach times can
also be traded for reduced
sensitivity and selectivity by
increasing the receiver channel
filter bandwidth.
Carrier sense programmable range
40
dB
Accuracy is as for RSSI
Carrier sense at ±100 kHz and ±200
kHz offset
102.4 kHz channel filter BW, 433 MHz
±100 kHz
±200 kHz
102.4 kHz channel filter BW, 868 MHz
±100 kHz
±200 kHz
-57
-44
-60
-44
dBm
dBm
dBm
dBm
At carrier sense level −98 dBm,
CW jammer at ±100 kHz and
±200 kHz offset.
Carrier sense is measured by
applying a signal at ±100 kHz and
±200 kHz offset and observe at
which level carrier sense is
indicated.
Table 5. RSSI / Carrier sense parameters
4.4.
IF Section
Parameter
Min
Typ
Max
Unit
Condition / Note
Intermediate frequency (IF)
307.2
kHz
See section 12.1 on page 30 for
details.
Digital channel filter bandwidth
38.4
to
307.2
kHz
The channel filter 6 dB bandwidth
is programmable from 9.6 kHz to
307.2 kHz. See section 12.2 on
page 30 for details.
AFC resolution
1200
Hz
At 19.2 kBaud
Given as Baud rate/16. See
section 12.13 on page 42 for
details.
Table 6. IF section parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com