Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 52 Page - Texas Instruments

Back Button CC1021 Datasheet HTML 48Page - Texas Instruments CC1021 Datasheet HTML 49Page - Texas Instruments CC1021 Datasheet HTML 50Page - Texas Instruments CC1021 Datasheet HTML 51Page - Texas Instruments CC1021 Datasheet HTML 52Page - Texas Instruments CC1021 Datasheet HTML 53Page - Texas Instruments CC1021 Datasheet HTML 54Page - Texas Instruments CC1021 Datasheet HTML 55Page - Texas Instruments CC1021 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 94 page
background image
CC1021
SWRS045C
Page 52 of 87
End of calibration
Wait for T
≥100 us
Calibrate RX frequency register A
(to calibrate TX frequency register
B write MAIN register = D1h).
Register CALIBRATE = 34h
Write MAIN register = 11h:
RXTX=0, F_REG=0, PD_MODE=1,
FS_PD=0, CORE_PD=0, BIAS_PD=0,
RESET_N=1
Write FREQ_A, FREQ_B, VCO,
CLOCK_A and CLOCK_B registers.
PLL_BW = 174 + 16log
2(fref/7.126)
Start single calibration
Write CALIBRATE register = B4h
Start calibration
f
ref is the reference frequency (in
MHz)
Yes
Read STATUS register and wait until
LOCK_CONTINUOUS=1
Read STATUS register and wait until
CAL_COMPLETE=1
Calibration OK?
No
End of calibration
End of calibration
Wait for T
≥100 us
Calibrate RX frequency register A
(to calibrate TX frequency register
B write MAIN register = D1h).
Register CALIBRATE = 34h
Write MAIN register = 11h:
RXTX=0, F_REG=0, PD_MODE=1,
FS_PD=0, CORE_PD=0, BIAS_PD=0,
RESET_N=1
Write FREQ_A, FREQ_B, VCO,
CLOCK_A and CLOCK_B registers.
PLL_BW = 174 + 16log
2(fref/7.126)
Start single calibration
Start single calibration
Write CALIBRATE register = B4h
Start calibration
f
ref is the reference frequency (in
MHz)
Yes
Read STATUS register and wait until
LOCK_CONTINUOUS=1
Read STATUS register and wait until
CAL_COMPLETE=1
Calibration OK?
No
Figure 29. Single calibration algorithm for RX and TX
15.3. PLL Turn-on Time versus Loop Filter Bandwidth
If calibration has been performed the PLL
turn-on time is the time needed for the PLL
to lock to the desired frequency when
going from power down mode (with the
crystal oscillator running) to TX or RX
mode. The PLL turn-on time depends on
the PLL loop filter bandwidth. Table 25
gives the PLL turn-on time for different
PLL loop filter bandwidths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com