Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC1021 Datasheet HTML 3Page - Texas Instruments CC1021 Datasheet HTML 4Page - Texas Instruments CC1021 Datasheet HTML 5Page - Texas Instruments CC1021 Datasheet HTML 6Page - Texas Instruments CC1021 Datasheet HTML 7Page - Texas Instruments CC1021 Datasheet HTML 8Page - Texas Instruments CC1021 Datasheet HTML 9Page - Texas Instruments CC1021 Datasheet HTML 10Page - Texas Instruments CC1021 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 94 page
background image
CC1021
SWRS045C
Page 7 of 87
Parameter
Min
Typ
Max
Unit
Condition / Note
Spurious emission, radiated CW
47-74, 87.5-118,
174-230, 470-862 MHz
9 kHz – 1 GHz
1 – 4 GHz
-54
-36
-30
dBm
dBm
dBm
At maximum output power,
+10/+5 dBm at 433/868 MHz.
To comply with EN 300 220,
FCC CFR47 part 15 and ARIB
STD-T96 an external (antenna)
filter, as implemented in the
application circuit in Figure 25,
must be used and tailored to
each individual design to reduce
out-of-band spurious emission
levels.
Spurious emissions can be
measured as EIRP values
according to EN 300 220. The
antenna (SMAFF-433 and
SMAFF-868 from R.W. Badland)
plays a part in attenuating the
spurious emissions.
If the output power is increased
using an external PA, a filter must
be used to attenuate spurs below
862 MHz when operating in the
868 MHz frequency band in
Europe. Application Note AN036
CC1020/1021 Spurious Emission
presents and discusses a solution
that reduces the TX mode
spurious emission close to 862
MHz by increasing the REF_DIV
from 1 to 7.
Optimum load impedance
433 MHz
868 MHz
915 MHz
54 + j44
15 + j24
20 + j35
Ω
Ω
Ω
Transmit mode. For matching
details see section 14 on page
46.
Table 3. RF transmit parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com