Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 31 Page - Texas Instruments

Back Button CC1021 Datasheet HTML 27Page - Texas Instruments CC1021 Datasheet HTML 28Page - Texas Instruments CC1021 Datasheet HTML 29Page - Texas Instruments CC1021 Datasheet HTML 30Page - Texas Instruments CC1021 Datasheet HTML 31Page - Texas Instruments CC1021 Datasheet HTML 32Page - Texas Instruments CC1021 Datasheet HTML 33Page - Texas Instruments CC1021 Datasheet HTML 34Page - Texas Instruments CC1021 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 94 page
background image
CC1021
SWRS045C
Page 31 of 87
The DEC_DIV[2:0] bits in the FILTER
register control the receiver channel filter
bandwidth. The 6 dB bandwidth is given
by:
ChBW = 307.2 / (DEC_DIV + 1) [kHz]
where the IF frequency is set to 307.2
kHz. Table 18 shows the available channel
filter bandwidths.
There is a tradeoff between selectivity as
well as sensitivity and accepted frequency
tolerance. In applications where larger
frequency drift is expected, the filter
bandwidth can be increased, but with
reduced adjacent channel rejection (ACR)
and sensitivity.
Filter bandwidth
[kHz]
FILTER.DEC_DIV[2:0]
[decimal(binary)]
38.4
7 (111b)
43.9
6 (110b)
51.2
5 (101b)
61.4
4 (100b)
76.8
3 (011b)
102.4
2 (010b)
153.6
1 (001b)
307.2
0 (000b)
Table 18. Channel filter bandwidth
12.3. Demodulator, Bit Synchronizer and Data Decision
The block diagram for the demodulator,
data slicer and bit synchronizer is shown
in Figure 13. The built-in bit synchronizer
synchronizes the internal clock to the
incoming
data
and
performs
data
decoding. The data decision is done using
over-sampling and digital filtering of the
incoming
signal.
This
improves
the
reliability of the data transmission. Using
the synchronous modes simplifies the
data-decoding task substantially.
The
recommended
preamble
is
a
‘010101…’ bit pattern. The same bit
pattern should also be used in Manchester
mode, giving a ‘011001100110…‘chip’
pattern. This is necessary for the bit
synchronizer to synchronize to the coding
correctly.
The data slicer does the bit decision.
Ideally the two received FSK frequencies
are placed symmetrically around the IF
frequency. However, if there is some
frequency error between the transmitter
and the receiver, the bit decision level
should be adjusted accordingly. In
CC1021
this is done automatically by measuring
the two frequencies and use the average
value as the decision level.
The digital data slicer in
CC1021 uses an
average value of the minimum and
maximum frequency deviation detected as
the comparison level. The RXDEV_X[1:0]
and
RXDEV_M[3:0]
in
the
AFC_CONTROL register are used to set
the expected deviation of the incoming
signal. Once a shift in the received
frequency
larger
than
the
expected
deviation is detected, a bit transition is
recorded and the average value to be
used by the data slicer is calculated.
The minimum number of transitions
required to calculate a slicing level is 3.
That is, a 010 bit pattern (NRZ).
The actual number of bits used for the
averaging can be increased for better data
decision accuracy. This is controlled by
the
SETTLING[1:0]
bits
in
the
AFC_CONTROL register. If RX data is
present in the channel when the RX chain
is turned on, then the data slicing estimate
will usually give correct results after 3 bit
transitions. The data slicing accuracy will
increase after this, depending on the
SETTLING[1:0] bits. If the start of
transmission occurs after the RX chain
has turned on, the minimum number of bit
transitions (or preamble bits) before
correct data slicing will depend on the
SETTLING[1:0] bits.
The automatic data slicer average value
function can be disabled by setting
SETTLING[1:0] = 00. In this case a
symmetrical
signal
around
the
IF
frequency is assumed.
The internally calculated average FSK
frequency value gives a measure for the
frequency offset of the receiver compared
to the transmitter. This information can
also be used for an automatic frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com