Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021 Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 76 Page - Texas Instruments

Back Button CC1021 Datasheet HTML 72Page - Texas Instruments CC1021 Datasheet HTML 73Page - Texas Instruments CC1021 Datasheet HTML 74Page - Texas Instruments CC1021 Datasheet HTML 75Page - Texas Instruments CC1021 Datasheet HTML 76Page - Texas Instruments CC1021 Datasheet HTML 77Page - Texas Instruments CC1021 Datasheet HTML 78Page - Texas Instruments CC1021 Datasheet HTML 79Page - Texas Instruments CC1021 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 94 page
background image
CC1021
SWRS045C
Page 76 of 87
LOCK Register (15h)
REGISTER
NAME
Default
value
Active
Description
LOCK[7:4]
LOCK_SELECT[3:0]
0
-
Selection of signals to LOCK pin
0: Set to 0
1: Set to 1
2: LOCK_CONTINUOUS (active low)
3: LOCK_INSTANT (active low)
4: CARRIER_SENSE (RSSI above threshold, active low)
5: CAL_COMPLETE (active low)
6: SEQ_ERROR (active low)
7: FXOSC
8: REF_CLK
9: FILTER_CLK
10: DEC_CLK
11: PRE_CLK
12: DS_CLK
13: MODEM_CLK
14: VCO_CAL_COMP
15: F_COMP
LOCK[3]
WINDOW_WIDTH
0
-
Selects lock window width
0: Lock window is 2 prescaler clock cycles wide
1: Lock window is 4 prescaler clock cycles wide
Recommended setting: WINDOW_WIDTH=0.
LOCK[2]
LOCK_MODE
0
-
Selects lock detector mode
0: Counter restart mode
1: Up/Down counter mode
Recommended setting: LOCK_MODE=0.
LOCK[1:0]
LOCK_ACCURACY[1:0]
0
-
Selects lock accuracy (counter threshold values)
0: Declare lock at counter value 127, out of lock at value 111
1: Declare lock at counter value 255, out of lock at value 239
2: Declare lock at counter value 511, out of lock at value 495
3: Declare lock at counter value 1023, out of lock at value
1007
Note: Set LOCK_SELECT=2 to use the LOCK pin as a lock indicator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com