Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021 Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 79 Page - Texas Instruments

Back Button CC1021 Datasheet HTML 75Page - Texas Instruments CC1021 Datasheet HTML 76Page - Texas Instruments CC1021 Datasheet HTML 77Page - Texas Instruments CC1021 Datasheet HTML 78Page - Texas Instruments CC1021 Datasheet HTML 79Page - Texas Instruments CC1021 Datasheet HTML 80Page - Texas Instruments CC1021 Datasheet HTML 81Page - Texas Instruments CC1021 Datasheet HTML 82Page - Texas Instruments CC1021 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 94 page
background image
CC1021
SWRS045C
Page 79 of 87
BUFF_CURRENT Register (19h)
REGISTER
NAME
Default
value
Active
Description
BUFF_CURRENT[7:6]
PRE_CURRENT[1:0]
1
-
Prescaler current scaling
0: Nominal current
1: 2/3 of nominal current
2: 1/2 of nominal current
3: 2/5 of nominal current
Recommended setting: PRE_CURRENT=0.
BUFF_CURRENT[5:3]
RX_CURRENT[2:0]
4
-
LO buffer current, in RX (to mixers)
0: Minimum buffer current
…
7: Maximum buffer current
Recommended setting: RX_CURRENT=4.
BUFF_CURRENT[2:0]
TX_CURRENT[2:0]
5
-
LO buffer current, in TX (to PA driver)
0: Minimum buffer current
…
7: Maximum buffer current
Recommended settings:
TX_CURRENT=2 for 402-470 MHz,
TX_CURRENT=5 for 804-960 MHz.
PLL_BW Register (1Ah)
REGISTER
NAME
Default
value
Active
Description
PLL_BW[7:0]
PLL_BW[7:0]
134
-
Charge pump current scaling/rounding factor.
Used to calibrate charge pump current for the
desired PLL loop bandwidth. The value is given by:
PLL_BW = 174 + 16 log2(fref/7.126) where fref is the
reference frequency in MHz.
CALIBRATE Register (1Bh)
REGISTER
NAME
Default
value
Active
Description
CALIBRATE[7]
CAL_START
0
↑
↑ 1: Calibration started
0: Calibration inactive
CALIBRATE[6]
CAL_DUAL
0
H
Use calibration results for both frequency A and B
0: Store results in A or B defined by F_REG (MAIN[6])
1: Store calibration results in both A and B
CALIBRATE[5:4]
CAL_WAIT[1:0]
0
-
Selects calibration wait time (affects accuracy)
0 (00): Calibration time is approx. 90000 F_REF periods
1 (01): Calibration time is approx. 110000 F_REF periods
2 (10): Calibration time is approx. 130000 F_REF periods
3 (11): Calibration time is approx. 200000 F_REF periods
Recommended setting: CAL_WAIT=3 for best accuracy in
calibrated PLL loop filter bandwidth.
CALIBRATE[3]
-
0
-
Reserved, write 0
CALIBRATE[2:0]
CAL_ITERATE[2:0]
5
-
Iteration start value for calibration DAC
0 (000): DAC start value 1, VC<0.49 V after calibration
1 (001): DAC start value 2, VC<0.66 V after calibration
2 (010): DAC start value 3, VC<0.82 V after calibration
3 (011): DAC start value 4, VC<0.99 V after calibration
4 (100): DAC start value 5, VC<1.15 V after calibration
5 (101): DAC start value 6, VC<1.32 V after calibration
6 (110): DAC start value 7, VC<1.48 V after calibration
7 (111): DAC start value 8, VC<1.65 V after calibration
Recommended setting: CAL_ITERATE=4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com