Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021 Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 74 Page - Texas Instruments

Back Button CC1021 Datasheet HTML 70Page - Texas Instruments CC1021 Datasheet HTML 71Page - Texas Instruments CC1021 Datasheet HTML 72Page - Texas Instruments CC1021 Datasheet HTML 73Page - Texas Instruments CC1021 Datasheet HTML 74Page - Texas Instruments CC1021 Datasheet HTML 75Page - Texas Instruments CC1021 Datasheet HTML 76Page - Texas Instruments CC1021 Datasheet HTML 77Page - Texas Instruments CC1021 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 94 page
background image
CC1021
SWRS045C
Page 74 of 87
VGA2 Register (12h)
REGISTER
NAME
Default
value
Active
Description
VGA2[7]
LNA2_MIN
0
-
Minimum LNA2 setting used in VGA
0: Minimum LNA2 gain
1: Medium LNA2 gain
Recommended setting: LNA2_MIN=0 for best selectivity.
VGA2[6]
LNA2_MAX
1
-
Maximum LNA2 setting used in VGA
0: Medium LNA2 gain
1: Maximum LNA2 gain
Recommended setting: LNA2_MAX=1 for best sensitivity.
VGA2[5:4]
LNA2_SETTING[1:0]
3
-
Selects at what VGA setting the LNA gain should be
changed
0: Apply LNA2 change below min. VGA setting.
1: Apply LNA2 change at approx. 1/3 VGA setting (around
VGA setting 10).
2: Apply LNA2 change at approx. 2/3 VGA setting (around
VGA setting 19).
3: Apply LNA2 change above max. VGA setting.
Recommended setting:
LNA2_SETTING=0 if VGA_SETTING<10,
LNA2_SETTING=1 otherwise.
If LNA2_MIN=1 and LNA2_MAX=0, then the LNA2 setting is
controlled by LNA2_SETTING:
0: Between medium and maximum LNA2 gain
1: Minimum LNA2 gain
2: Medium LNA2 gain
3: Maximum LNA2 gain
VGA2[3]
AGC_DISABLE
0
H
Disable AGC
0: AGC is enabled
1: AGC is disabled (VGA_SETTING determines VGA gain)
Recommended setting: AGC_DISABLE=0 for good dynamic
range.
VGA2[2]
AGC_HYSTERESIS
1
H
Enable AGC hysteresis
0: No hysteresis. Immediate gain change for smallest
up/down step
1: Hysteresis enabled. Two samples in a row must indicate
gain change for smallest up/down step
Recommended setting: AGC_HYSTERESIS=1.
VGA2[1:0]
AGC_AVG[1:0]
1
-
Sets how many samples that are used to calculate average
output magnitude for AGC/RSSI.
0: Magnitude is averaged over 2 filter output samples
1: Magnitude is averaged over 4 filter output samples
2: Magnitude is averaged over 8 filter output samples
3: Magnitude is averaged over 16 filter output samples
Recommended setting: AGC_AVG=1.
For best AGC/RSSI accuracy AGC_AVG=3.
For automatic power-up sequencing, the AGC_AVG and
CS_SET values must be chosen so that carrier sense is
available in time to be detected before the chip re-enters
power-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com