Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1021 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 63 Page - Texas Instruments

Back Button CC1021 Datasheet HTML 59Page - Texas Instruments CC1021 Datasheet HTML 60Page - Texas Instruments CC1021 Datasheet HTML 61Page - Texas Instruments CC1021 Datasheet HTML 62Page - Texas Instruments CC1021 Datasheet HTML 63Page - Texas Instruments CC1021 Datasheet HTML 64Page - Texas Instruments CC1021 Datasheet HTML 65Page - Texas Instruments CC1021 Datasheet HTML 66Page - Texas Instruments CC1021 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 94 page
background image
CC1021
SWRS045C
Page 63 of 87
frequencies is done through the MAIN
register. Several features have been
included to do the hopping without a need
to re-synchronize the receiver. For more
details refer to Application Note AN014
Frequency Hopping Systems available
from the TI web site.
In order to implement a frequency hopping
system with
CC1021 do the following:
Set the desired frequency, calibrate and
store the following register settings in non-
volatile memory:
STATUS1[3:0]: CHP_CURRENT[3:0]
STATUS2[4:0]: VCO_ARRAY[4:0]
STATUS3[5:0]:VCO_CAL_CURRENT[5:0]
Repeat the calibration for each desired
frequency. VCO_CAL_CURRENT[5:0] is
not dependent on the RF frequency and
the same value can be used for all
frequencies. When performing frequency
hopping, write the stored values to the
corresponding TEST1, TEST2 and TEST3
registers, and enable override:
TEST1[3:0]: CHP_CO[3:0]
TEST2[4:0]: VCO_AO[4:0]
TEST2[5]: VCO_OVERRIDE
TEST2[6]: CHP_OVERRIDE
TEST3[5:0]: VCO_CO[5:0]
TEST3[6]: VCO_CAL_OVERRIDE
CHP_CO[3:0] is the register setting read
from CHP_CURRENT[3:0], VCO_AO[4:0]
is
the register setting read from
VCO_ARRAY[4:0] and VCO_CO[5:0] is
the
register
setting
read
from
VCO_CAL_CURRENT[5:0].
Assume channel 1 defined by register
FREQ_A is currently being used and that
CC1021 should operate on channel 2 next
(to change channel simply write to register
MAIN[6]). The channel 2 frequency can be
set by register FREQ_B which can be
written to while operating on channel 1.
The calibration data must be written to the
TEST1-3 registers after switching to the
next frequency. That is, when hopping to a
new channel write to register MAIN[6] first
and the test registers next. The PA should
be switched off between each hop and the
PLL should be checked for lock before
switching the PA back on after a hop has
been performed.
Note
that
the
override
bits
VCO_OVERRIDE, CHP_OVERRIDE and
VCO_CAL_OVERRIDE must be disabled
when performing a re-calibration.
24.
PCB Layout Recommendations
The top layer should be used for signal
routing, and the open areas should be
filled with metallization connected to
ground using several vias.
The area under the chip is used for
grounding and must be connected to the
bottom ground plane with several vias. In
the TI reference designs we have placed 9
vias inside the exposed die attached pad.
These vias should be “tented” (covered
with solder mask) on the component side
of the PCB to avoid migration of solder
through the vias during the solder reflow
process.
Do not place a via underneath
CC1021 at
“pin #1 corner” as this pin is internally
connected to the exposed die attached
pad, which is the main ground connection
for the chip.
Each decoupling capacitor should be
placed as close as possible to the supply
pin it is supposed to decouple. Each
decoupling capacitor should be connected
to the power line (or power plane) by
separate vias. The best routing is from the
power line (or power plane) to the
decoupling capacitor and then to the
CC1021 supply pin. Supply power filtering
is very important, especially for pins 23,
22, 20 and 18.
Each decoupling capacitor ground pad
should be connected to the ground plane
using a separate via. Direct connections
between neighboring power pins will
increase noise coupling and should be
avoided unless absolutely necessary.
The external components should ideally
be as small as possible and surface mount
devices are highly recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com