Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9737ABBCZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD9737ABBCZ
Description  11-/14-Bit, 2.5 GSPS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9737ABBCZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9737ABBCZ Datasheet HTML 31Page - Analog Devices AD9737ABBCZ Datasheet HTML 32Page - Analog Devices AD9737ABBCZ Datasheet HTML 33Page - Analog Devices AD9737ABBCZ Datasheet HTML 34Page - Analog Devices AD9737ABBCZ Datasheet HTML 35Page - Analog Devices AD9737ABBCZ Datasheet HTML 36Page - Analog Devices AD9737ABBCZ Datasheet HTML 37Page - Analog Devices AD9737ABBCZ Datasheet HTML 38Page - Analog Devices AD9737ABBCZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
Data Sheet
AD9737A/AD9739A
Rev. | Page 35 of 64
EIGHT-CARRIER DOCSIS PERFORMANCE (NORMAL MODE)
IOUTFS = 20 mA, fDAC = 2.4576 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
VBW 2kHz
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–22.044dBm
–71.492dB
–70.555dB
–68.566dB
–65.237dB
6MHz
6MHz
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
BAND POWER
BAND POWER
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
Y
–22.043dBm
–71.545dB
–70.510dB
–68.566dB
–65.219dB
f
f
f
f
f
1
1
1
1
1
1
2
3
4
5
X
N
Δ1
Δ1
Δ1
Δ1
MODE
MKR
SCL
TRC
200MHz
216.60MHz
400MHz
621.30MHz
413.25MHz
–40
–50
–60
–70
–80
–90
–100
–110
–120
3
Δ1
5
Δ1
2
Δ1
4
Δ1
1
Figure 128. Low Band Wideband ACLR
VBW 2kHz
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–23.977dBm
–69.185dB
–68.551dB
–69.938dB
–72.083dB
–65.009dB
6MHz
6MHz
6MHz
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
BAND POWER
BAND POWER
BAND POWER
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
Y
–23.977dBm
–69.185dB
–68.551dB
–69.923dB
–72.145dB
–65.009dB
f
f
f
f
f
f
1
1
1
1
1
1
1
2
3
4
5
6
X
N
Δ1
Δ1
Δ1
Δ1
Δ1
MODE
MKR
SCL
TRC
667.80MHz
–171.30MHz
–98.15MHz
–614.00MHz
–567.45MHz
–55.40MHz
–38
–48
–58
–68
–78
–88
–98
–108
–118
3
Δ1
2
Δ1
4
Δ1
1
6
Δ1
5
Δ1
Figure 129. Mid Band Wideband ACLR
VBW 2kHz
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–25.435dBm
–61.947dB
–67.532dB
–69.602dB
–65.237dB
–64.615dB
6MHz
6MHz
6MHz
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
BAND POWER
BAND POWER
BAND POWER
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
Y
–25.435dBm
–61.947dB
–67.517dB
–69.583dB
–65.237dB
–64.615dB
f
f
f
f
f
f
1
1
1
1
1
1
1
2
3
4
5
6
X
N
Δ1
Δ1
Δ1
Δ1
Δ1
MODE
MKR
SCL
TRC
990.80MHz
–481.00MHz
–633.95MHz
–734.65MHz
–128.55MHz
–378.40MHz
–38
–48
–58
–68
–78
–88
–98
–108
–118
3
Δ1
2
Δ1
4
Δ1
1
6
Δ1
5
Δ1
Figure 130. High Band Wideband ACLR
SPAN 54MHz
SWEEP 1.49s
VBW 3kHz
CENTER 222MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–59.41
–69.96
–69.91
–69.74
–70.08
dBm
–81.28
–91.83
–91.78
–91.62
–91.95
LOWER
dBc
–10.98
–0.334
0.087
–0.034
0.031
dBm
–32.85
–22.21
–21.79
–21.91
–21.84
INTEG BW
750.0kHz
5.250MHz
6.000MHz
6.000MHz
6.000MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER
–21.874dBm/6MHz
ACP-IBW
0.0dBc
0.0dBc
0.1dBc
–0.3dBc
–21.9dBm
–70.0Bc
–69.9dBc
–70.1dBc
–69.7dBc
–37
–47
–57
–67
–77
–87
–97
–107
–117
Figure 131. Low Band Narrow-Band ACLR (Worse Side)
SPAN 54MHz
SWEEP 1.49s
VBW 3kHz
CENTER 580MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–11.25
–0.459
–0.137
–0.181
–0.221
dBm
–33.80
–23.01
–22.69
–22.74
–22.78
LOWER
dBc
–60.21
–71.35
–71.20
–71.51
–71.60
dBm
–82.77
–93.90
–93.75
–94.06
–94.16
INTEG BW
750.0kHz
5.250MHz
6.000MHz
6.000MHz
6.000MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER
–22.556dBm/6MHz
ACP-IBW
–71.6dBc
–71.5dBc
–71.2dBc
–71.3dBc
–22.6dBm
–0.5Bc
–0.1dBc
–0.2dBc
–0.2dBc
–37
–47
–57
–67
–77
–87
–97
–107
–117
Figure 132. Mid Band Narrow-Band ACLR (Worse Side)
SPAN 54MHz
SWEEP 1.49s
VBW 3kHz
CENTER 950MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–10.93
–0.487
–0.205
–0.047
–0.016
dBm
–36.27
–25.83
–25.55
–25.39
–25.33
LOWER
dBc
–60.39
–67.44
–67.29
–67.65
–67.65
dBm
–85.73
–92.78
–92.63
–93.00
–93.00
INTEG BW
750.0kHz
5.250MHz
6.000MHz
6.000MHz
6.000MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER
–25.344dBm/6MHz
ACP-IBW
–67.7dBc
–67.7dBc
–67.3dBc
–67.4dBc
–25.3dBm
–0.5Bc
–0.2dBc
0.0dBc
0.0dBc
–37
–47
–57
–67
–77
–87
–97
–107
–117
Figure 133. High Band Narrow-Band ACLR
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com