Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9737ABBCZ Datasheet(PDF) 55 Page - Analog Devices

Part # AD9737ABBCZ
Description  11-/14-Bit, 2.5 GSPS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9737ABBCZ Datasheet(HTML) 55 Page - Analog Devices

Back Button AD9737ABBCZ Datasheet HTML 51Page - Analog Devices AD9737ABBCZ Datasheet HTML 52Page - Analog Devices AD9737ABBCZ Datasheet HTML 53Page - Analog Devices AD9737ABBCZ Datasheet HTML 54Page - Analog Devices AD9737ABBCZ Datasheet HTML 55Page - Analog Devices AD9737ABBCZ Datasheet HTML 56Page - Analog Devices AD9737ABBCZ Datasheet HTML 57Page - Analog Devices AD9737ABBCZ Datasheet HTML 58Page - Analog Devices AD9737ABBCZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
Data Sheet
AD9737A/AD9739A
Rev. | Page 55 of 64
ANALOG INTERFACE CONSIDERATIONS
ANALOG MODES OF OPERATION
The AD9737A/AD9739A use the quad-switch architecture
shown in Figure 169. The quad-switch architecture masks the
code-dependent glitches that occur in a conventional two-switch
DAC. Figure 170 compares the waveforms for a conventional
DAC and the quad-switch DAC. In the two-switch architecture,
a code-dependent glitch occurs each time the DAC switches to
a different state (that is, D1 to D2). This code-dependent glitching
causes an increased amount of distortion in the DAC. In quad-
switch architecture (no matter what the codes are), there are
always two switches transitioning at each half clock cycle, thus
eliminating the code-dependent glitches. However, a constant
glitch occurs at 2 × DACCLK_x because half the internal switches
change state on the rising DACCLK_x edge whereas the other
half change state on the falling DACCLK_x edge.
VG1
VDD
IOUTP
IOUTN
VG1
VG4
VG3
VG2
DACCLK_x
CLK
LATCHES
DBx[13:0]
VG2
VG3
VG4
Figure 169. AD9739A Quad-Switch Architecture
INPUT
DATA
DACCLK_x
TWO-SWITCH
DAC OUTPUT
FOUR-SWITCH
DAC OUTPUT
(NORMAL MODE)
t
D1
D2
D3
D4
D5
D6
D7
D8
D9 D10
D6
D7
D8
D9 D10
D1
D2
D3
D4
D5
D6
D7
D8
D9 D10
D1
D2
D3
D4
D5
t
Figure 170. Two-Switch and Quad-Switch DAC Waveforms
Another attribute of the quad-switch architecture is that it also
enables the DAC core to operate in one of the following two
modes: normal mode and mix-mode. The mode is selected via
SPI Register 0x08, Bits[1:0], with normal mode being the default
value. In the mix-mode, the output is effectively chopped at the
DAC sample rate. This has the effect of reducing the power of
the fundamental signal while increasing the power of the images
centered around the DAC sample rate, thus improving the
output power of these images.
INPUT
DATA
DACCLK_x
FOUR-SWITCH
DAC OUTPUT
(
fS MIX MODE)
–D6
–D7
–D8
–D9
–D10
D6
D7
D8
D9
D10
–D1
–D2
–D3
–D4
–D5
D1
D2
D3
D4
D5
D6
D7
D8
D9 D10
D1
D2
D3
D4
D5
t
Figure 171. Mix-Mode DAC Waveforms
Figure 171 shows the DAC waveforms for mix-mode. This ability
to change modes provides the user the flexibility to place a
carrier anywhere in the first two Nyquist zones, depending
on the operating mode selected. Switching between the analog
modes reshapes the sinc roll-off that is inherent at the DAC output.
The maximum amplitude in both Nyquist zones is impacted by
this sinc roll-off, depending on where the carrier is placed (see
Figure 172). As a practical matter, the usable bandwidth in the
third Nyquist zone becomes limited at higher DAC clock rates
(that is, >2 GSPS) when the output bandwidth of the DAC core
and the interface network (that is, balun) contributes to
additional roll-off.
FREQUENCY (Hz)
0FS
1.50FS
1.25FS
1.00FS
0.75FS
0.50FS
0.25FS
–35
–30
–25
–20
–15
–10
–5
0
FIRST
NYQUIST ZONE
SECOND
NYQUIST ZONE
THIRD
NYQUIST ZONE
MIX MODE
NORMAL
MODE
Figure 172. Sinc Roll-Off for Each Analog Operating Mode
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com