Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9737ABBCZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9737ABBCZ
Description  11-/14-Bit, 2.5 GSPS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9737ABBCZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9737ABBCZ Datasheet HTML 10Page - Analog Devices AD9737ABBCZ Datasheet HTML 11Page - Analog Devices AD9737ABBCZ Datasheet HTML 12Page - Analog Devices AD9737ABBCZ Datasheet HTML 13Page - Analog Devices AD9737ABBCZ Datasheet HTML 14Page - Analog Devices AD9737ABBCZ Datasheet HTML 15Page - Analog Devices AD9737ABBCZ Datasheet HTML 16Page - Analog Devices AD9737ABBCZ Datasheet HTML 17Page - Analog Devices AD9737ABBCZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
AD9737A/AD9739A
Data Sheet
Rev. | Page 14 of 64
TYPICAL PERFORMANCE CHARACTERISTICS—AD9737A
STATIC LINEARITY
IOUTFS = 20 mA, nominal supplies, TA = 25°C, unless otherwise noted.
0.3
–0.4
0
2048
CODE
–0.3
–0.2
–0.1
0
0.1
0.2
256
512
768
1024
1280
1536
1792
Figure 9. Typical INL, 20 mA at 25°C
0.4
–0.3
0
2048
CODE
–0.2
–0.1
0
0.1
0.2
0.3
256
512
768
1024
1280
1536
1792
Figure 10. Typical DNL, 20 mA at 25°C
0.25
–0.25
0
2048
CODE
–0.20
–0.10
–0.15
–0.05
0
0.10
0.05
0.15
0.20
256
512
768
1024
1280
1536
1792
Figure 11. Typical INL, 10 mA at 25°C
0.25
–0.25
0
2048
CODE
–0.20
–0.10
–0.15
–0.05
0
0.10
0.05
0.15
0.20
256
512
768
1024
1280
1536
1792
Figure 12. Typical DNL, 10 mA at 25°C
0.6
–0.6
–0.5
–0.4
–0.3
0
2048
CODE
–0.2
–0.1
0
0.1
0.2
0.3
0.5
0.4
256
512
768
1024
1280
1536
1792
Figure 13. Typical INL, 30 mA at 25°C
0.2
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
0
2048
CODE
–0.2
–0.1
0
0.1
256
512
768
1024
1280
1536
1792
Figure 14. Typical DNL, 30 mA at 25°C
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com