Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9737ABBCZ Datasheet(PDF) 37 Page - Analog Devices

Part # AD9737ABBCZ
Description  11-/14-Bit, 2.5 GSPS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9737ABBCZ Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9737ABBCZ Datasheet HTML 33Page - Analog Devices AD9737ABBCZ Datasheet HTML 34Page - Analog Devices AD9737ABBCZ Datasheet HTML 35Page - Analog Devices AD9737ABBCZ Datasheet HTML 36Page - Analog Devices AD9737ABBCZ Datasheet HTML 37Page - Analog Devices AD9737ABBCZ Datasheet HTML 38Page - Analog Devices AD9737ABBCZ Datasheet HTML 39Page - Analog Devices AD9737ABBCZ Datasheet HTML 40Page - Analog Devices AD9737ABBCZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
Data Sheet
AD9737A/AD9739A
Rev. | Page 37 of 64
32-CARRIER DOCSIS PERFORMANCE (NORMAL MODE)
IOUTFS = 20 mA, fDAC = 2.4576 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
VBW 2kHz
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–29.645dBm
–64.167dB
–59.423dB
–62.750dB
6MHz
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
BAND POWER
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
Y
–29.646dBm
–64.175dB
–59.429dB
–62.750dB
f
f
f
f
1
1
1
1
1
2
3
4
X
N
Δ1
Δ1
Δ1
MODE
MKR
SCL
TRC
384.70MHz
–283.40MHz
227.70MHz
325.55MHz
–52
–62
–72
–82
–92
–102
–112
–122
–132
1
4
Δ1
2
Δ1
3
Δ1
Figure 140. Low Band Wideband ACLR
VBW 2kHz
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–30.335dBm
–63.112dB
–63.860dB
–62.151dB
6MHz
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
BAND POWER
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
Y
–30.335dBm
–63.136dB
–63.860dB
–62.151dB
f
f
f
f
1
1
1
1
1
2
3
4
X
N
Δ1
Δ1
Δ1
MODE
MKR
SCL
TRC
685.5MHz
–611.15MHz
–243.50MHz
162.15MHz
–52
–62
–72
–82
–92
–102
–112
–122
–132
2
Δ1
3
Δ1
1
4
Δ1
Figure 141. Mid Band Wideband ACLR
VBW 2kHz
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–31.516dBm
–59.997dB
–60.535dB
–57.763dB
6MHz
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
BAND POWER
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
Y
–31.516dBm
–59.997dB
–60.458dB
–57.761dB
f
f
f
f
1
1
1
1
1
2
3
4
X
N
Δ1
Δ1
Δ1
MODE
MKR
SCL
TRC
985.10MHz
–334.70MHz
–909.45MHz
–373.65MHz
–52
–62
–72
–82
–92
–102
–112
–122
–132
1
3
Δ1
4
Δ1
2
Δ1
Figure 142. High Band Wideband ACLR
SPAN 54MHz
SWEEP 1.49s
VBW 3kHz
CENTER 386MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–61.86
–65.40
–64.76
–64.50
–64.40
dBm
–91.78
–95.32
–94.68
–94.42
–94.32
LOWER
dBc
–10.67
–0.431
–0.070
–0.011
0.116
dBm
–40.59
–30.35
–29.99
–29.93
–29.80
INTEG BW
750.0kHz
5.250MHz
6.000MHz
6.000MHz
6.000MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER
–29.920dBm/6MHz
ACP-IBW
0.1dBc
0.0dBc
–0.1dBc
–0.4dBc
–29.9dBm
–65.4dBc
–64.8dBc
–64.4dBc
–64.5dBc
–44
–54
–64
–74
–84
–94
–104
–114
–124
Figure 143. Low Band Narrow-Band ACLR
SPAN 54MHz
SWEEP 1.49s
VBW 3kHz
CENTER 200MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–10.78
–0.487
–0.175
–0.151
–0.061
dBm
–40.09
–29.80
–29.49
–29.46
–29.37
LOWER
dBc
–58.76
–63.30
–63.05
–63.21
–64.46
dBm
–88.07
–92.61
–92.36
–92.52
–92.78
INTEG BW
750.0kHz
5.250MHz
6.000MHz
6.000MHz
6.000MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER
–29.311dBm/6MHz
ACP-IBW
–63.2dBc
–63.1dBc
–63.3dBc
–29.3dBm
–0.5dBc
–0.2dBc
–0.1dBc
–0.2dBc
–44
–54
–64
–74
–84
–94
–104
–114
–124
–63.5dBc
Figure 144. Mid Band Narrow-Band ACLR (Worse Side)
SPAN 54MHz
SWEEP 1.49s
VBW 3kHz
CENTER 800MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–10.84
–0.437
–0.354
–0.455
–0.410
dBm
–41.59
–31.18
–31.10
–31.20
–31.16
LOWER
dBc
–60.75
–63.18
–62.76
–62.74
–62.84
dBm
–91.49
–93.92
–93.50
–93.48
–93.59
INTEG BW
750.0kHz
5.250MHz
6.000MHz
6.000MHz
6.000MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER
–30.746dBm/6MHz
ACP-IBW
–62.7dBc
–62.8dBc
–63.2dBc
–30.7dBm
–0.4dBc
–0.4dBc
–0.4dBc
–0.5dBc
–44
–54
–64
–74
–84
–94
–104
–114
–124
–62.8dBc
Figure 145. High Band Narrow-Band ACLR
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com