Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9737ABBCZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9737ABBCZ
Description  11-/14-Bit, 2.5 GSPS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9737ABBCZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9737ABBCZ Datasheet HTML 14Page - Analog Devices AD9737ABBCZ Datasheet HTML 15Page - Analog Devices AD9737ABBCZ Datasheet HTML 16Page - Analog Devices AD9737ABBCZ Datasheet HTML 17Page - Analog Devices AD9737ABBCZ Datasheet HTML 18Page - Analog Devices AD9737ABBCZ Datasheet HTML 19Page - Analog Devices AD9737ABBCZ Datasheet HTML 20Page - Analog Devices AD9737ABBCZ Datasheet HTML 21Page - Analog Devices AD9737ABBCZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
AD9737A/AD9739A
Data Sheet
Rev. | Page 18 of 64
fDAC = 2.1 GSPS, IOUTFS = 20 mA, nominal supplies, TA = 25°C, unless otherwise noted.
STOP 2.4GHz
SWEEP 7.174s (601pts)
START 20MHz
#RES BW 20kHz
VBW 20kHz
Figure 33. Single-Tone Spectrum at fOUT = 2.31 GHz, fDAC = 2.4 GSPS
STOP 2.4GHz
SWEEP 7.174s (601pts)
START 20MHz
#RES BW 20kHz
VBW 20kHz
Figure 34. Single-Tone Spectrum at fOUT = 1.31 GHz, fDAC = 2.4 GSPS
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
1200 1300 1400 1500 1600 1700 1800 1900 2000 2100 2200 2300 2400
fOUT (MHz)
Figure 35. SFDR in Mix-mode vs. fOUT at 2.4 GSPS
30
40
50
60
70
90
80
100
1000
1300
1200
1100
1400 1500 1600 1700 1800 1900 2000
fOUT (MHz)
Figure 36. IMD in Mix-Mode vs. fOUT at 2.4 GSPS
SPAN 54.68MHz
SWEEP 1.509s
CENTER 2.108MHz
#RES BW 30kHz
UPPER
FILTER
ON
ON
ON
ON
ON
dBc
–69.84
–71.15
–71.75
–72.19
–72.70
dBc
–69.82
–69.93
–71.77
–72.26
–71.90
dBm
–89.36
–90.67
–91.28
–91.71
–92.22
LOWER
dBm
–88.34
–89.46
–91.29
–91.79
–91.42
INTEG BW
3.840MHz
3.840MHz
3.840MHz
3.840MHz
3.840MHz
OFFSET FREQ
5.000MHz
10.00MHz
15.00MHz
20.00MHz
25.00MHz
CARRIER POWER
–19.526dBm/3.84MHz
ACP-IBW
–35
–45
–55
–65
–75
–85
–95
–105
–115
VBW 3kHz
–72.7dBc
–71.8dBc
–69.9dBc
–68.8dBc –19.5dBm
–72.3dBc
–71.9dBc
–69.8dBc
–71.1dBc –71.8dBc
–72.2dBc
Figure 37. Typical Single-Carrier WCDMA ACLR Performance at 2.1 GHz,
fDAC = 2457.6 MSPS (Second Nyquist Zone)
–90
–85
–80
–75
–70
–65
–60
–55
–50
SECOND NYQUIST ZONE
THIRD NYQUIST ZONE
FIRST ADJ CH
THIRD ADJ CH
fOUT (MHz)
SECOND ADJ CH
Figure 38. Single-Carrier WCDMA ACLR vs. fOUT, fDAC = 2457.6 MSPS
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com