Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9737ABBCZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD9737ABBCZ
Description  11-/14-Bit, 2.5 GSPS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9737ABBCZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9737ABBCZ Datasheet HTML 20Page - Analog Devices AD9737ABBCZ Datasheet HTML 21Page - Analog Devices AD9737ABBCZ Datasheet HTML 22Page - Analog Devices AD9737ABBCZ Datasheet HTML 23Page - Analog Devices AD9737ABBCZ Datasheet HTML 24Page - Analog Devices AD9737ABBCZ Datasheet HTML 25Page - Analog Devices AD9737ABBCZ Datasheet HTML 26Page - Analog Devices AD9737ABBCZ Datasheet HTML 27Page - Analog Devices AD9737ABBCZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
AD9737A/AD9739A
Data Sheet
Rev. | Page 24 of 64
32-CARRIER DOCSIS PERFORMANCE (NORMAL MODE)
IOUTFS = 20 mA, fDAC = 2.4576 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
VBW 2kHz
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–29.853dBm
–61.410dB
–61.639dB
–48.122dB
6MHz
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
BAND POWER
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
Y
–29.852dBm
–61.581dB
–61.313dB
–48.122dB
f
f
f
f
1
1
1
1
1
2
3
4
X
N
Δ1
Δ1
Δ1
MODE
MKR
SCL
TRC
256.15MHz
94.05MHz
243.20MHz
356.25MHz
–50
–60
–70
–80
–90
–100
–110
–120
–130
1
3
Δ1
2
Δ1
4
Δ1
Figure 66. Low Band Wideband ACLR
VBW 2kHz
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–29.461dBm
–61.621dB
–61.831dB
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
Y
–29.461dbm
–61.621dB
–61.831dB
f
f
f
1
1
1
1
2
3
X
N
Δ1
Δ1
MODE
MKR
SCL
TRC
550MHz
–462.65MHz
314.45MHz
–50
–60
–70
–80
–90
–100
–110
–120
–130
2
Δ1
1
3
Δ1
Figure 67. Mid Band Wideband ACLR
VBW 2kHz
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–32.396dBm
–57.463dB
–58.079dB
–45.705dB
6MHz
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
BAND POWER
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
Y
–32.396dBm
–57.463dB
–58.079dB
–45.705dB
f
f
f
f
1
1
1
1
1
2
3
4
X
N
Δ1
Δ1
Δ1
MODE
MKR
SCL
TRC
799.55MHz
–138.70MHz
–601.35MHz
–187.15MHz
–50
–60
–70
–80
–90
–100
–110
–120
–130
2
Δ1
1
4
Δ1
3
Δ1
Figure 68. High Band Wideband ACLR
SPAN 54MHz
SWEEP 1.49s
VBW 3kHz
CENTER 256MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–60.27
–65.64
–64.12
–64.24
–64.12
dBm
–88.50
–93.87
–92.35
–92.47
–92.35
LOWER
dBc
–10.80
–0.336
0.060
0.081
0.080
dBm
–39.03
–28.56
–28.17
–28.15
–28.15
INTEG BW
750.0kHz
5.250MHz
6.000MHz
6.000MHz
6.000MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER
–28.229dBm/6MHz
ACP-IBW
0.1dBc
0.1dBc
0.1dBc
–0.3dBc
–28.2dBm
–65.6dBc
–64.1dBc
–64.1dBc
–64.2dBc
–50
–60
–70
–80
–90
–100
–110
–120
–130
Figure 69. Low Band Narrow-Band ACLR
SPAN 54MHz
SWEEP 1.49s
VBW 3kHz
CENTER 550MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–10.88
–0.576
–0.222
–0.423
–0.133
dBm
–40.39
–30.09
–29.73
–29.93
–29.63
LOWER
dBc
–58.70
–62.34
–61.36
–61.70
–61.84
dBm
–88.21
–91.85
–90.87
–91.21
–91.36
INTEG BW
750.0kHz
5.250MHz
6.000MHz
6.000MHz
6.000MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER
–29.512dBm/6MHz
ACP-IBW
–61.8dBc
–61.7dBc
–61.4dBc
–62.3dBc
–29.5dBm
––0.6dBc
–0.2dBc
–0.1dBc
–0.4dBc
–50
–60
–70
–80
–90
–100
–110
–120
–130
Figure 70. Mid Band Narrow-Band ACLR (Worse Side)
SPAN 54MHz
SWEEP 1.49s
VBW 3kHz
CENTER 800MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–10.73
–0.201
0.300
0.296
0.230
dBm
–42.89
–32.35
–31.85
–31.86
–31.92
LOWER
dBc
–59.39
–61.40
–59.86
–59.61
–60.04
dBm
–91.54
–93.55
–92.01
–91.77
–92.20
INTEG BW
750.0kHz
5.250MHz
6.000MHz
6.000MHz
6.000MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER
–32.154dBm/6MHz
ACP-IBW
–60.0dBc
–59.6dBc
–59.9dBc
–61.4dBc
–32.2dBm
––0.2dBc
0.3dBc
0.2dBc
0.3dBc
–50
–60
–70
–80
–90
–100
–110
–120
–130
Figure 71. High Band Narrow-Band ACLR
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com