Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9737ABBCZ Datasheet(PDF) 63 Page - Analog Devices

Part # AD9737ABBCZ
Description  11-/14-Bit, 2.5 GSPS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9737ABBCZ Datasheet(HTML) 63 Page - Analog Devices

Back Button AD9737ABBCZ Datasheet HTML 56Page - Analog Devices AD9737ABBCZ Datasheet HTML 57Page - Analog Devices AD9737ABBCZ Datasheet HTML 58Page - Analog Devices AD9737ABBCZ Datasheet HTML 59Page - Analog Devices AD9737ABBCZ Datasheet HTML 60Page - Analog Devices AD9737ABBCZ Datasheet HTML 61Page - Analog Devices AD9737ABBCZ Datasheet HTML 62Page - Analog Devices AD9737ABBCZ Datasheet HTML 63Page - Analog Devices AD9737ABBCZ Datasheet HTML 64Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 63 / 64 page
background image
Data Sheet
AD9737A/AD9739A
Rev. C | Page 63 of 64
OUTLINE DIMENSIONS
12.10
12.00 SQ
11.90
0.43 MAX
0.25 MIN
1.00 MAX
0.85 MIN
A
B
C
D
E
F
G
H
J
K
L
M
N
P
14
13
12
11
10
8
7
6
3
2
1
9
5
4
1.40 MAX
0.55
0.50
0.45
10.40
BSC SQ
COMPLIANT WITH JEDEC STANDARDS MO-275-GGAA-1.
COPLANARITY
0.12
BALL DIAMETER
0.80
BSC
DETAIL A
A1 BALL
CORNER
A1 BALL
CORNER
DETAIL A
BOTTOM VIEW
TOP VIEW
SEATING
PLANE
Figure 189. 160-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
(BC-160-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD9737ABBCZ
−40°C to +85°C
160-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-160-1
AD9737ABBCZRL
−40°C to +85°C
160-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-160-1
AD9737A-EBZ
Evaluation Board for Normal, CMTS, and Mix-Mode Evaluation
AD9739ABBCZ
−40°C to +85°C
160-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-160-1
AD9739ABBCZRL
−40°C to +85°C
160- Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-160-1
AD9739A-EBZ
Evaluation Board for Normal, CMTS, and Mix-Mode Evaluation
AD9739A-FMC-EBZ
Evaluation Board with FMC connector for Xilinx based FPGA
development platforms
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com