Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9737ABBCZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9737ABBCZ
Description  11-/14-Bit, 2.5 GSPS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9737ABBCZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9737ABBCZ Datasheet HTML 16Page - Analog Devices AD9737ABBCZ Datasheet HTML 17Page - Analog Devices AD9737ABBCZ Datasheet HTML 18Page - Analog Devices AD9737ABBCZ Datasheet HTML 19Page - Analog Devices AD9737ABBCZ Datasheet HTML 20Page - Analog Devices AD9737ABBCZ Datasheet HTML 21Page - Analog Devices AD9737ABBCZ Datasheet HTML 22Page - Analog Devices AD9737ABBCZ Datasheet HTML 23Page - Analog Devices AD9737ABBCZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
AD9737A/AD9739A
Data Sheet
Rev. | Page 20 of 64
ONE-CARRIER DOCSIS PERFORMANCE (NORMAL MODE)
IOUTFS = 20 mA, fDAC = 2.4576 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
VBW 2kHz
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–10.238dBm
–74.467dB
–77.224dB
–78.437dB
–67.413dB
6MHz
6MHz
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
BAND POWER
BAND POWER
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
Y
–10.238dBm
–74.467dB
–77.224dB
–78.437dB
–67.413dB
f
f
f
f
f
1
1
1
1
1
1
2
3
4
5
X
N
Δ1
Δ1
Δ1
Δ1
MODE
MKR
SCL
TRC
200.10MHz
199.50MHz
399.95MHz
599.45MHz
413.25MHz
–30
–40
–50
–60
–70
–80
–90
–100
–110
4
Δ1
1
2
Δ1
3
Δ1
5
Δ1
Figure 42. Low Band Wideband ACLR
VBW 2kHz
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–11.538dBm
–74.399dB
–74.344dB
–68.472dB
–66.197dB
6MHz
6MHz
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
BAND POWER
BAND POWER
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
Y
–11.538dBm
–74.421dB
–76.294dB
–68.472dB
–66.156dB
f
f
f
f
f
1
1
1
1
1
1
2
3
4
5
X
N
Δ1
Δ1
Δ1
Δ1
MODE
MKR
SCL
TRC
550.65MHz
–487.35MHz
125.40MHz
253.65MHz
62.70MHz
–30
–40
–50
–60
–70
–80
–90
–100
–110
3
Δ1
2
Δ1
1
4
Δ1
5
Δ1
Figure 43. Mid Band Wideband ACLR
VBW 2kHz
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–14.446dBm
–60.856dB
–66.013dB
–68.697dB
–63.533dB
–68.162dB
6MHz
6MHz
6MHz
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
BAND POWER
BAND POWER
BAND POWER
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
Y
–14.418dBm
–60.856dB
–66.000dB
–68.751dB
–63.533dB
–66.162dB
f
f
f
f
f
f
1
1
1
1
1
1
1
2
3
4
5
6
X
N
Δ1
Δ1
Δ1
Δ1
Δ1
MODE
MKR
SCL
TRC
948.70MHz
–393.30MHz
–553.85MHz
–612.75MHz
–335.35MHz
–57.95MHz
–30
–40
–50
–60
–70
–80
–90
–100
–110
3
Δ1
5
Δ1
4
Δ1
2
Δ1
6
Δ1
1
Figure 44. High Band Wideband ACLR
SPAN 54MHz
SWEEP 1.49s
VBW 3kHz
CENTER 200MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–57.47
–79.87
–78.96
–78.69
–78.68
dBc
–58.34
–79.27
–78.44
–78.59
–78.41
dBm
–67.70
–90.10
–89.19
–88.92
–88.90
LOWER
dBm
–68.57
–89.50
–88.66
–88.82
–88.63
INTEG BW
750.0kHz
5.250MHz
6.000MHz
6.000MHz
6.000MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER
–10.226dBm/6MHz
ACP-IBW
–30
–40
–50
–60
–70
–80
–90
–100
–110
–78.4dBc
–78.6dBc
–78.4dBc
–79.3dBc
–10.2dBm
–79.9dBc
–79.0dBc
–78.7dBc
–78.7dBc
Figure 45. Low Band Narrow-Band ACLR
SPAN 54MHz
SWEEP 1.49s
VBW 3kHz
CENTER 550MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–60.92
–74.14
–74.68
–74.91
–75.34
dBc
–59.37
–74.02
–74.53
–75.00
–75.97
dBm
–73.03
–86.25
–86.79
–87.01
–87.44
LOWER
dBm
–71.48
–86.12
–86.63
–87.11
–88.08
INTEG BW
750.0kHz
5.250MHz
6.000MHz
6.000MHz
6.000MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER
–12.104dBm/6MHz
ACP-IBW
–30
–40
–50
–60
–70
–80
–90
–100
–110
–76.0dBc
–75.0dBc
–74.5dBc
–74.0dBc
–12.1dBm
–74.1dBc
–74.7dBc
–75.3dBc
–78.9dBc
Figure 46. Mid Band Narrow-Band ACLR
SPAN 54MHz
SWEEP 1.49s
VBW 3kHz
CENTER 950MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–61.30
–69.39
–70.50
–71.02
–71.75
dBc
–57.84
–69.02
–70.01
–70.89
–71.94
dBm
–74.89
–82.98
–84.09
–84.61
–85.34
LOWER
dBm
–71.43
–82.61
–83.60
–84.48
–85.53
INTEG BW
750.0kHz
5.250MHz
6.000MHz
6.000MHz
6.000MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER
–13.589dBm/6MHz
ACP-IBW
–30
–40
–50
–60
–70
–80
–90
–100
–110
–71.9dBc
–70.9dBc
–70.0dBc
–69.0dBc
–13.6dBm
–69.4dBc
–70.5dBc
–71.7dBc
–71.0dBc
Figure 47. High Band Narrow-Band ACLR
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com