Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9737ABBCZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD9737ABBCZ
Description  11-/14-Bit, 2.5 GSPS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9737ABBCZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9737ABBCZ Datasheet HTML 32Page - Analog Devices AD9737ABBCZ Datasheet HTML 33Page - Analog Devices AD9737ABBCZ Datasheet HTML 34Page - Analog Devices AD9737ABBCZ Datasheet HTML 35Page - Analog Devices AD9737ABBCZ Datasheet HTML 36Page - Analog Devices AD9737ABBCZ Datasheet HTML 37Page - Analog Devices AD9737ABBCZ Datasheet HTML 38Page - Analog Devices AD9737ABBCZ Datasheet HTML 39Page - Analog Devices AD9737ABBCZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
AD9737A/AD9739A
Data Sheet
Rev. | Page 36 of 64
16-CARRIER DOCSIS PERFORMANCE (NORMAL MODE)
IOUTFS = 20 mA, fDAC = 2.4576 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
VBW 2kHz
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–25.335dBm
–66.838dB
–70.312dB
–65.928dB
–66.973dB
–64.451dB
6MHz
6MHz
6MHz
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
BAND POWER
BAND POWER
BAND POWER
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
Y
–25.335dBm
–66.838dB
–70.421dB
–65.880dB
–67.033dB
–64.481dB
f
f
f
f
f
f
1
1
1
1
1
1
1
2
3
4
5
6
X
N
Δ1
Δ1
Δ1
Δ1
Δ1
MODE
MKR
SCL
TRC
289.70MHz
202.05MHz
–183.65MHz
697.95MHz
18.70MHz
322.70MHz
–38
–48
–58
–68
–78
–88
–98
–108
–118
3
Δ1
5
Δ1
1
2
Δ1
4
Δ1
6
Δ1
Figure 134. Low Band Wideband ACLR
VBW 2kHz
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–28.317dBm
–64.672dB
–65.207dB
–64.574dB
6MHz
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
BAND POWER
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
Y
–28.317dBm
–64.672dB
–65.202dB
–64.574dB
f
f
f
f
1
1
1
1
1
2
3
4
X
N
Δ1
Δ1
Δ1
MODE
MKR
SCL
TRC
690.60MHz
–141.85MHz
–623.50MHz
152.65MHz
–38
–48
–58
–68
–78
–88
–98
–108
–118
1
2
Δ1
4
Δ1
3
Δ1
Figure 135. Mid Band Wideband ACLR
VBW 2kHz
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–27.960dBm
–61.110dB
–63.332dB
–65.483dB
–62.779dB
–59.828dB
6MHz
6MHz
6MHz
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
BAND POWER
BAND POWER
BAND POWER
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
Y
–27.971dBm
–61.110dB
–63.327dB
–65.509dB
–62.779dB
–59.858dB
f
f
f
f
f
f
1
1
1
1
1
1
1
2
3
4
5
6
X
N
Δ1
Δ1
Δ1
Δ1
Δ1
MODE
MKR
SCL
TRC
989.85MHz
–422.10MHz
–922.75MHz
–668.15MHz
–137.10MHz
–377.45MHz
–38
–48
–58
–68
–78
–88
–98
–108
–118
3
Δ1
5
Δ1
4
Δ1
6
Δ1
1
2
Δ1
Figure 136. High Band Wideband ACLR
SPAN 54MHz
SWEEP 1.49s
VBW 3kHz
CENTER 290MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–59.93
–70.37
–69.75
–69.75
–69.79
dBm
–84.76
–95.20
–94.57
–94.57
–94.62
LOWER
dBc
–10.83
–0.545
–0.099
–0.155
–0.041
dBm
–35.76
–25.37
–24.92
–24.98
–24.87
INTEG BW
750.0kHz
5.250MHz
6.000MHz
6.000MHz
6.000MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER
–24.824dBm/6MHz
ACP-IBW
0.0dBc
–0.2dBc
–0.1dBc
–0.5dBc
–24.8dBm
–70.4dBc
–69.7dBc
–69.8dBc
–69.7dBc
–44
–54
–64
–74
–84
–94
–104
–114
–124
Figure 137. Low Band Narrow-Band ACLR
SPAN 54MHz
SWEEP 1.49s
VBW 3kHz
CENTER 690MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–58.12
–67.47
–66.83
–66.80
–66.79
dBm
–84.92
–94.26
–93.62
–93.59
–93.58
LOWER
dBc
–11.17
–0.460
–0.049
–0.196
–0.366
dBm
–37.97
–27.25
–26.74
–26.60
–26.43
INTEG BW
750.0kHz
5.250MHz
6.000MHz
6.000MHz
6.000MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER
–26.792dBm/6MHz
ACP-IBW
0.4dBc
0.2dBc
–44
–54
–64
–74
–84
–94
–104
–114
–124
0.0dBc
–0.5dBc
–26.8dBm
–67.5dBc
–66.8dBc
–66.8dBc
–66.8Bc
Figure 138. Mid Band Narrow-Band ACLR (Worse Side)
SPAN 54MHz
SWEEP 1.49s
VBW 3kHz
CENTER 900MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–11.30
–0.490
–0.119
–0.016
0.153
dBm
–39.73
–28.92
–28.55
–28.45
–28.28
LOWER
dBc
–57.24
–65.03
–64.64
–64.80
–64.86
dBm
–85.68
–93.46
–93.08
–93.24
–93.29
INTEG BW
750.0kHz
5.250MHz
6.000MHz
6.000MHz
6.000MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER
–28.435dBm/6MHz
ACP-IBW
–64.8dBc
–64.6dBc
–65.0dBc
–28.4dBm
–0.5dBc
–0.1dBc
0.2dBc
0.0dBc
–44
–54
–64
–74
–84
–94
–104
–114
–124
–64.9dBc
Figure 139. High Band Narrow-Band ACLR
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com