Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9737ABBCZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9737ABBCZ
Description  11-/14-Bit, 2.5 GSPS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9737ABBCZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9737ABBCZ Datasheet HTML 6Page - Analog Devices AD9737ABBCZ Datasheet HTML 7Page - Analog Devices AD9737ABBCZ Datasheet HTML 8Page - Analog Devices AD9737ABBCZ Datasheet HTML 9Page - Analog Devices AD9737ABBCZ Datasheet HTML 10Page - Analog Devices AD9737ABBCZ Datasheet HTML 11Page - Analog Devices AD9737ABBCZ Datasheet HTML 12Page - Analog Devices AD9737ABBCZ Datasheet HTML 13Page - Analog Devices AD9737ABBCZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
AD9737A/AD9739A
Data Sheet
Rev. | Page 10 of 64
A
B
C
D
E
F
G
H
J
K
L
M
N
P
14
13
12
11
10
6
3
2
1
9
5
4
IRQ
CS
SCLK
RESET
SDIO
SDO
7
8
I120
VREF
AD9737A
Figure 7. AD9737A Analog I/O and SPI Control Pins (Top View)
Table 7. AD9737A Pin Function Descriptions
Pin No.
Mnemonic
Description
C1, C2, D1, D2, E1, E2, E3, E4
VDDC
1.8 V Clock Supply Input.
A1, A2, A3, A4, A5, B1, B2, B3, B4, B5, C4,
C5, D4, D5
VSSC
Clock Supply Ground.
A10, A11, B10, B11, C10, C11, D10, D11
VDDA
3.3 V Analog Supply Input.
A12, A13, B12, B13, C12, C13, D12, D13,
VSSA
Analog Supply Ground.
A6, A9, B6, B9, C6, C9, D6, D9, E11, E12,
E13, E14, F1, F2, F3, F4, F11, F12
VSSA Shield
Analog Supply Ground Shield. Tie to VSSA at the DAC.
A14
NC
Do not connect to this pin.
A7, B7, C7, D7
IOUTN
DAC Negative Current Output Source.
A8, B8, C8, D8
IOUTP
DAC Positive Current Output Source.
B14
I120
Nominal 1.2 V Reference. Tie to analog ground via a 10 kΩ
resistor to generate a 120 µA reference current.
C14
VREF
Voltage Reference Input/Output. Decouple to VSSA with a 1 nF
capacitor.
D14
NC
Factory Test Pin. Do not connect to this pin.
C3, D3
DACCLK_N/DACCLK_P
Negative/Positive DAC Clock Input (DACCLK).
F13
IRQ
Interrupt Request Open Drain Output. Active high. Pull up to
VDD33 with a 10 kΩ resistor.
F14
RESET
Reset Input. Active high. Tie to VSS if unused.
G13
CS
Serial Port Enable Input.
G14
SDIO
Serial Port Data Input/Output.
H13
SCLK
Serial Port Clock Input.
H14
SDO
Serial Port Data Output.
J3, J4, J11, J12
VDD33
3.3 V Digital Supply Input.
G1, G2, G3, G4, G11, G12
VDD
1.8 V Digital Supply Input.
H1, H2, H3, H4, H11, H12, K3, K4, K11, K12
VSS
Digital Supply Ground.
J1, J2
NC
Differential resistor of 200 Ω exists between J1 and J2. Do not
connect to this pin.
K1, K2
NC
Differential resistor of 100 Ω exists between K1 and K2. Do not
connect to this pin.
J13, J14
DCO_P/DCO_N
Positive/Negative Data Clock Output (DCO).
K13, K14
DCI_P/DCI_N
Positive/Negative Data Clock Input (DCI).
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com