Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7816 Datasheet(PDF) 36 Page - Analog Devices

Part # ADE7816
Description  Six Current Channels, One Voltage Channel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7816 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADE7816 Datasheet HTML 32Page - Analog Devices ADE7816 Datasheet HTML 33Page - Analog Devices ADE7816 Datasheet HTML 34Page - Analog Devices ADE7816 Datasheet HTML 35Page - Analog Devices ADE7816 Datasheet HTML 36Page - Analog Devices ADE7816 Datasheet HTML 37Page - Analog Devices ADE7816 Datasheet HTML 38Page - Analog Devices ADE7816 Datasheet HTML 39Page - Analog Devices ADE7816 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
ADE7816
Data Sheet
Rev. 0 | Page 36 of 48
REGISTERS
REGISTER PROTECTION
To protect the integrity of the data stored in the data memory
(located at Address 0x4380 to Address 0x43BE), a write protection
mechanism is available. By default, the protection is disabled,
and registers that are located between Address 0x4380 and
Address 0x43BE can be written without restriction. When the
protection is enabled, no writes to these registers are allowed.
Registers can always be read, without restriction, independent
of the write protection state.
To enable the protection, write 0xAD to an internal 8-bit
register that is located at Address 0xE7FE, followed by a write
of 0x80 to an internal 8-bit register located at Address 0xE7E3.
It is recommended that the write protection be enabled before
starting the DSP. If any register requires changing after this time,
disable the protection, change the value, and then reenable the
protection. There is no need to stop the DSP to change these
registers.
To disable the protection, write 0xAD to an internal 8-bit
register that is located at Address 0xE7FE, followed by a write of
0x00 to an internal 8-bit register that is located at Address 0xE7E3.
REGISTER FORMAT
The ADE7816 includes 8-, 16-, and 32-bit, signed and unsigned
registers. All signed registers are in twos complement format.
Some of the internal measurements are 24 bits long and have
been extended to 32 bits prior to communication. This extension
is accomplished in three different ways: sign extending (SE), zero
padding (ZP), or zero padded and sign extended (ZPSE). When
sign extending is used, the sign bit (Bit 23) of the twos complement
signed number is duplicated in the uppermost byte prior to
communication. Zero padding is achieved by writing 0s into the
upper most byte prior to transmission. This format is used for
unsigned numbers only. Zero padded and sign extended formats
are shown in Figure 47 and involve padding the most significant
bits with 0s and sign extending Bits[27:24].
31
28 27
24 23
0
24-BIT NUMBER
0000
BITS[27:24] ARE
EQUAL TO BIT 23
BIT 23 IS A SIGN BIT
Figure 47. ZPSE Communication Format
The communication format of each register is specified in the
Register Maps section (see Table 12 through Table 15).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com