Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7816 Datasheet(PDF) 39 Page - Analog Devices

Part # ADE7816
Description  Six Current Channels, One Voltage Channel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7816 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADE7816 Datasheet HTML 35Page - Analog Devices ADE7816 Datasheet HTML 36Page - Analog Devices ADE7816 Datasheet HTML 37Page - Analog Devices ADE7816 Datasheet HTML 38Page - Analog Devices ADE7816 Datasheet HTML 39Page - Analog Devices ADE7816 Datasheet HTML 40Page - Analog Devices ADE7816 Datasheet HTML 41Page - Analog Devices ADE7816 Datasheet HTML 42Page - Analog Devices ADE7816 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
Data Sheet
ADE7816
Rev. 0 | Page 39 of 48
Table 14. Billable Registers
Address
Register
Name
R/W1
Bit
Length
Bit Length During
Communication
Type 2
Default
Value
Description
0xE400
AWATTHR
R
32
32
S
0x00000000
Channel A active energy accumulation.
0xE401
BWATTHR
R
32
32
S
0x00000000
Channel B active energy accumulation.
0xE402
CWATTHR
R
32
32
S
0x00000000
Channel C active energy accumulation.
0xE403
DWATTHR
R
32
32
S
0x00000000
Channel D active energy accumulation.
0xE404
EWATTHR
R
32
32
S
0x00000000
Channel E active energy accumulation.
0xE405
FWATTHR
R
32
32
S
0x00000000
Channel F active energy accumulation.
0xE406
AVARHR
R
32
32
S
0x00000000
Channel A reactive energy accumulation.
0xE407
BVARHR
R
32
32
S
0x00000000
Channel B reactive energy accumulation.
0xE408
CVARHR
R
32
32
S
0x00000000
Channel C reactive energy accumulation.
0xE409
DVARHR
R
32
32
S
0x00000000
Channel D reactive energy accumulation.
0xE40A
EVARHR
R
32
32
S
0x00000000
Channel E reactive energy accumulation.
0xE40B
FVARHR
R
32
32
S
0x00000000
Channel F reactive energy accumulation.
1 R is read, and W is write.
2 S indicates a signed register in twos complement format.
Table 15. Configuration and Power Quality Registers
Address
Register
Name
R/W1
Bit
Length
Bit Length During
Communication2
Type3
Default
Value4
Description
0xE500
IPEAK
R
32
32
U
N/A
Current peak register.
0xE501
VPEAK
R
32
32
U
N/A
Voltage peak register.
0xE502
STATUS0
R/W
32
32
U
N/A
Interrupt Status Register 0.
0xE503
STATUS1
R/W
32
32
U
N/A
Interrupt Status Register 1.
0xE504
Reserved
R
20
32 ZP
U
N/A
This register should be ignored.
0xE505
Reserved
R
20
32 ZP
U
N/A
This register should be ignored.
0xE506
Reserved
R
20
32 ZP
U
N/A
This register should be ignored.
0xE507
OILVL
R/W
24
32 ZP
U
0xFFFFFF
Overcurrent threshold.
0xE508
OVLVL
R/W
24
32 ZP
U
0xFFFFFF
Overvoltage threshold.
0xE509
SAGLVL
R/W
24
32 ZP
U
0x000000
Voltage sag level threshold.
0xE50A
MASK0
R/W
32
32
U
0x00000000
Interrupt Enable Register 0.
0xE50B
MASK1
R/W
32
32
U
0x00000000
Interrupt Enable Register 1.
0xE50C
IAWV/IDWV
R
24
32 SE
S
N/A
Instantaneous Current Channel A and
Instantaneous Current Channel D.
0xE50D
IBWV/IEWV
R
24
32 SE
S
N/A
Instantaneous Current Channel B and
Instantaneous Current Channel E.
0xE50E
ICWV/IFWV
R
24
32 SE
S
N/A
Instantaneous Current Channel C and
Instantaneous Current Channel F.
0xE50F
Reserved
R
24
32 SE
S
N/A
This register should be ignored.
0xE510
VWV
R
24
32 SE
S
N/A
Instantaneous voltage.
0xE511 to
0xE51E
Reserved
R
24
32 SE
S
N/A
This register should be ignored.
0xE51F
Checksum
R
32
32
U
0x33666787
Checksum verification (see the Checksum
section for details).
0xE520 to
0xE52E
Reserved
These registers should be ignored.
0xE600
CHSTATUS
R
16
16
U
N/A
Channel peak register.
0xE601
ANGLE0
R
16
16
U
N/A
Time Delay 0 (see the Angle
Measurements section for details).
0xE602
ANGLE1
R
16
16
U
N/A
Time Delay 1 (see the Angle
Measurements section for details).
0xE603
ANGLE2
R
16
16
U
N/A
Time Delay 2 (see the Angle
Measurements section for details).
0xE604 to
0xE606
Reserved
These registers should be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com