Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7816 Datasheet(PDF) 40 Page - Analog Devices

Part # ADE7816
Description  Six Current Channels, One Voltage Channel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7816 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADE7816 Datasheet HTML 36Page - Analog Devices ADE7816 Datasheet HTML 37Page - Analog Devices ADE7816 Datasheet HTML 38Page - Analog Devices ADE7816 Datasheet HTML 39Page - Analog Devices ADE7816 Datasheet HTML 40Page - Analog Devices ADE7816 Datasheet HTML 41Page - Analog Devices ADE7816 Datasheet HTML 42Page - Analog Devices ADE7816 Datasheet HTML 43Page - Analog Devices ADE7816 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
ADE7816
Data Sheet
Rev. 0 | Page 40 of 48
Address
Register
Name
R/W1
Bit
Length
Bit Length During
Communication2
Type3
Default
Value4
Description
0xE607
Period
R
16
16
U
N/A
Line period.
0xE608
CHNOLOAD
R
16
16
U
N/A
Channel no load register.
0xE609 to
0xE60B
Reserved
For proper operation, do not write to
these addresses.
0xE60C
LINECYC
R/W
16
16
U
0xFFFF
Line cycle accumulation mode count.
0xE60D
ZXTOUT
R/W
16
16
U
0xFFFF
Zero-crossing timeout count.
0xE60E
COMPMODE
R/W
16
16
U
0x01FF
Computation mode register.
0xE60F
Gain
R/W
16
16
U
0x0000
PGA gains at ADC inputs (see Table 22).
0xE610 to
0xE616
Reserved
This register should be ignored.
0xE617
CHSIGN
R
16
16
U
N/A
Power sign register.
0xE618
CONFIG
R/W
16
16
U
0x0000
Configuration register.
0xE700
MMODE
R/W
8
8
U
0x1C
Measurement mode register.
0xE701
ACCMODE
R/W
8
8
U
0x00
Accumulation mode register.
0xE702
LCYCMODE
R/W
8
8
U
0x78
Line accumulation mode.
0xE703
PEAKCYC
R/W
8
8
U
0x00
Peak detection half line cycles.
0xE704
SAGCYC
R/W
8
8
U
0x00
Sag detection half line cycles.
0xE705
Reserved
This register should be ignored.
0xE706
HSDC_CFG
R/W
8
8
U
0x00
HSDC configuration register.
0xE707
Version
R/W
8
8
U
Version of die.
0xE7E3
Reserved
R/W
8
8
U
0x00
Register protection (see the Register
Protection section).
0xE7FE
Reserved
Register protection key (see the Register
Protection section).
0xEBFF
Reserved
8
8
This address can be used in manipulating
the
AA
SSEE
AA
/HSA pin when SPI is chosen as
the active port (see the Communication
section for details).
0xEC00
Reserved
This register should be ignored.
0xEC01
CONFIG2
R/W
8
8
U
0x00
Configuration register (see Table 29).
1 R is read, and W is write.
2 32 ZP is a 24- or 20-bit, signed or unsigned register that is transmitted as a 32-bit word with 8 or 12 MSBs, respectively, padded with 0s. 32 SE is a 24-bit, signed register
that is transmitted as a 32-bit word that is sign extended to 32 bits.
3 U indicates an unsigned register, and S indicates a signed register in twos complement format.
4 N/A is not applicable.
REGISTER DESCRIPTIONS
Table 16. HPFDIS Register (Address 0x4389)
Bits
Default Value
Description
[23:0]
0x000000
When HPFDIS = 0x000000, all high-pass filters in voltage and current channels are enabled.
When the register is set to any nonzero value, all high-pass filters are disabled.
Table 17. IPEAK Register (Address 0xE500)
Bits
Bit Name
Default Value
Description
[31:27]
Reserved
0x00000
These bits should be ignored.
26
IPCHANNEL2
0x0
The C or F current channel generated the IPEAKVAL[23:0] value.
25
IPCHANNEL1
0x0
The B or E current channel generated the IPEAKVAL[23:0] value.
24
IPCHANNEL0
0x0
The A or D current channel generated the IPEAKVAL[23:0] value.
[23:0]
IPEAKVAL[23:0]
0x0
Current channel peak value
Table 18. VPEAK Register (Address 0xE501)
Bits
Bit Name
Default Value
Description
[31:24]
Reserved
0x00000
These bits should be ignored.
[23:0]
VPEAKVAL[23:0]
0x0
Voltage channel peak value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com