Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7816 Datasheet(PDF) 20 Page - Analog Devices

Part # ADE7816
Description  Six Current Channels, One Voltage Channel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7816 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADE7816 Datasheet HTML 16Page - Analog Devices ADE7816 Datasheet HTML 17Page - Analog Devices ADE7816 Datasheet HTML 18Page - Analog Devices ADE7816 Datasheet HTML 19Page - Analog Devices ADE7816 Datasheet HTML 20Page - Analog Devices ADE7816 Datasheet HTML 21Page - Analog Devices ADE7816 Datasheet HTML 22Page - Analog Devices ADE7816 Datasheet HTML 23Page - Analog Devices ADE7816 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
ADE7816
Data Sheet
Rev. 0 | Page 20 of 48
ENERGY MEASUREMENTS
This section describes the energy measurements available in
the ADE7816. For information about the theory behind these
measurements, refer to the AN-1137 Application Note.
STARTING AND STOPPING THE DSP
To obtain energy measurements, the internal processor must first
be started by setting the run register (Address 0xE228) to 0x0001.
It is recommended that all registers be initialized before starting
the DSP and that the last register in the queue be written three
times to flush the pipeline. When this procedure is complete, the
DSP should be started. There is no reason to stop the DSP, once
started, because all of the registers can be modified while the DSP
is running. The DSP can be stopped, however, by writing 0x0000
to the run register.
Within the DSP core, there is a two-stage pipeline. This means
that when a single register must be initialized, two or more writes
are required to ensure that the value has been written. If two or
more registers must be initialized, the last register must be written
two more times to ensure that the value is written into the RAM.
It is recommended that the last register be written three times to
ensure successful communication. See the Register Protection
section for details on protecting these registers.
ACTIVE ENERGY MEASUREMENT
Definition of Active Power and Active Energy
Active power is the product of voltage and current and is the
power dissipated in a purely resistive load. Active energy is the
accumulation of active power over time and is measured in watts.
The average power over an integral number of line cycles (n) is
given by the following expression:
P =
∫
nT
dt
t
P
nT
0
)
(
1
= VI
(1)
where:
V is the rms voltage.
I is the rms current.
P is the active or real power.
T is the line cycle period.
Active Energy Registers
The ADE7816 has six active energy registers, where the active
energy is accumulated for each of the six channels separately:
AWATTHR (Address 0xE400), BWATTHR (Address 0xE401),
CWATTHR (Address 0xE402), DWATTHR (Address 0xE403),
EWATTHR (Address 0xE404) and FWATTHR (Address 0xE405).
All active energy registers are in 32-bit, signed format. The
ADE7816 accumulates both positive and negative power. Negative
power indicates that the angle between the voltage and current is
greater than 90°, and power is being injected back into the grid.
The ADE7816 provides a signed accumulation of the power;
positive power is added and negative power is subtracted.
Figure 28 shows the configurations of the active energy signal path.
Active Energy Threshold
The ADE7816 accumulates energy in two steps (see Figure 28).
The first step occurs internally, using the two threshold registers,
WTHR1 (Address 0x43AB) and WTHR0 (Address 0x43AC).
These registers make up the most significant and least significant
24 bits, respectively, of an internal threshold register that is used
to control the frequency at which the external xWATTHR registers
are updated. The WTHR1 and WTHR0 registers affect all six active
energy measurements. For standard operation, the WTHR1 regi-
ster should be set to 0x2 and the WTHR0 register set to 0x0.
Thus, the update rate of the xWATTHR registers is set to slightly
below the maximum of 8 kHz with full-scale inputs. If the rate at
which energy is accumulated in the xWATTHR registers must be
reduced, the WTHR1and WTHR0 registers can be modified.
Threshold = 0x2000000 ×
(kHz)
kHz
8
Rate
Update
Required
(2)
Note that the maximum output with full scale inputs is 8 kHz.
Do not adjust the threshold to try to produce more than 8 kHz.
Such an adjustment may result in saturation of the output
frequency and, therefore, a loss of accuracy.
The second stage of the accumulation occurs in the external
registers, xWATTHR. With the recommended values provided
in Equation 2, the energy updates at a rate of 8 kHz with full-
scale inputs (see Figure 28).
Energy Accumulation and Register Roll-Over
As shown in Equation 2, the active energy accumulates at a maxi-
mum rate of 8 kHz with full-scale inputs. The maximum positive
value that the 32-bit, signed xWATTHR registers can store before
they overflow is 0x7FFFFFFF. Assuming steady accumulation
with full-scale inputs, the accumulation time is
Time = 0x7FFFFFFF × 125 μs = 74 hr, 33 min, 55 sec
VGAIN
HPF
IAGAIN
DIGITAL
INTEGRATOR
HPF
VA
IA
AWGAIN
AWATTOS
PCF_A_COEFF
ACCUMULATOR
WTHR[47:0]
AWATTHR[31:0]
32-BIT
REGISTER
LPF
Figure 28. Active Energy Signal Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com