Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7816 Datasheet(PDF) 5 Page - Analog Devices

Part # ADE7816
Description  Six Current Channels, One Voltage Channel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7816 Datasheet(HTML) 5 Page - Analog Devices

  ADE7816 Datasheet HTML 1Page - Analog Devices ADE7816 Datasheet HTML 2Page - Analog Devices ADE7816 Datasheet HTML 3Page - Analog Devices ADE7816 Datasheet HTML 4Page - Analog Devices ADE7816 Datasheet HTML 5Page - Analog Devices ADE7816 Datasheet HTML 6Page - Analog Devices ADE7816 Datasheet HTML 7Page - Analog Devices ADE7816 Datasheet HTML 8Page - Analog Devices ADE7816 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Data Sheet
ADE7816
Rev. 0 | Page 5 of 48
TIMING CHARACTERISTICS
VDD = 3.3 V ± 10%, AGND = DGND = 0 V, on-chip reference, CLKIN = 16.384 MHz, TMIN to TMAX = −40°C to +85°C. Note that, within
the timing tables and diagrams, the dual function pin names are referenced by the relevant function only; see the Pin Configuration and
Function Descriptions section for full pin mnemonics and function descriptions.
I2C-Compatible Interface Timing
Table 2. I2C-Compatible Interface Timing Parameters
Standard Mode
Fast Mode
Parameter
Symbol
Min
Max
Min
Max
Unit
SCL Clock Frequency
fSCL
0
100
0
400
kHz
Hold Time (Repeated) Start Condition
tHD;STA
4.0
0.6
μs
Low Period of SCL Clock
tLOW
4.7
1.3
μs
High Period of SCL Clock
tHIGH
4.0
0.6
μs
Setup Time for Repeated Start Condition
tSU;STA
4.7
0.6
μs
Data Hold Time
tHD;DAT
0
3.45
0
0.9
μs
Data Setup Time
tSU;DAT
250
100
ns
Rise Time of Both SDA and SCL Signals
tR
1000
20
300
ns
Fall Time of Both SDA and SCL Signals
tF
300
20
300
ns
Setup Time for Stop Condition
tSU;STO
4.0
0.6
μs
Bus Free Time Between a Stop and Start Condition
tBUF
4.7
1.3
μs
Pulse Width of Suppressed Spikes
tSP
N/A1
50
ns
1 N/A means not applicable.
tF
tR
tHD;DAT
tHD;STA
tHIGH
tSU;STA
tSU;DAT
tR
tHD;STA
tSP
tSU;STO
tR
tBUF
tLOW
SDA
SCL
START
CONDITION
REPEATED START
CONDITION
STOP
CONDITION
START
CONDITION
Figure 2. I2C-Compatible Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com