Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7816 Datasheet(PDF) 22 Page - Analog Devices

Part # ADE7816
Description  Six Current Channels, One Voltage Channel
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7816 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADE7816 Datasheet HTML 18Page - Analog Devices ADE7816 Datasheet HTML 19Page - Analog Devices ADE7816 Datasheet HTML 20Page - Analog Devices ADE7816 Datasheet HTML 21Page - Analog Devices ADE7816 Datasheet HTML 22Page - Analog Devices ADE7816 Datasheet HTML 23Page - Analog Devices ADE7816 Datasheet HTML 24Page - Analog Devices ADE7816 Datasheet HTML 25Page - Analog Devices ADE7816 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
ADE7816
Data Sheet
Rev. 0 | Page 22 of 48
The reactive energy register content overflows from full-scale
positive (0x7FFFFFFF) to full-scale negative (0x80000000) and
continues to increase in value when the reactive power is positive.
Setting Bit 6 (RSTREAD) of the LCYCMODE (Address 0xE702)
register enables a read-with-reset for all reactive energy accu-
mulation registers. When this bit is set, all energy accumulation
registers are set to 0 following a read operation.
LINE CYCLE ACCUMULATION MODE
In the active and reactive line cycle accumulation mode, the
energy accumulation of the ADE7816 is synchronized to the
voltage channel zero crossing, so that the active and reactive
energy can be accumulated over an integral number of half line
cycles. This feature is available for the active and reactive energy
accumulation on all six channels. The advantage of summing
the active and reactive energy over an integral number of half
line cycles is that the sinusoidal component of the energy is
reduced to 0. This eliminates any ripple in the energy calculation.
Accurate energy is calculated in a shorter time because the
integration period can be shortened. The line cycle accumulation
mode can be used for fast calibration and to obtain the average
power over a specified time period. Figure 30 shows a diagram
of the active energy line cycle accumulation mode signal path.
Active and reactive energy line cycle accumulation modes are
disabled by default and can be enabled on all six channels by setting
Bit 0 (LWATT) and Bit 1 (LVAR), respectively, in the LCYCMODE
register. Bit 3 (ZX_SEL) of the LCYCMODE register must also be
set to enable the voltage channel zero-crossing counter to be used
in the line cycle accumulation measurement. The accumulation
time should be written to the LINECYC register (Address 0xE60C)
as an integer number of half line cycles. The ADE7816 can
accumulate energy for up to 65,535 half line cycles. This equates
to an accumulation period of approximately 655 sec with 50 Hz
inputs, and 546 sec with 60 Hz inputs.
The number of half line cycles written to the LINECYC register
is used for the active and reactive line cycle accumulation on all
six channels. At the end of a line cycle accumulation period, the
xWATTHR and xVARHR registers are updated and the LENERGY
flag is set in the STATUS0 register (Address 0xE502). If the
LENERGY bit in the MASK0 register (Address 0xE50A) is set,
an external interrupt is issued on the IRQ0 pin. Another accu-
mulation cycle begins immediately, as long as the LWATT and
LVAR bits in the LCYCMODE register remain set.
The contents of the xWATTHR and xVARHR registers are updated
synchronous to the LENERGY flag. The xWATTHR and xVARHR
registers hold their current values until the end of the next line
cycle period, when the contents are replaced with the new reading
(see Figure 30 and Figure 31). When using the line cycle accu-
mulation mode, Bit 6 (RSTREAD) of the LCYCMODE register
should be set to Logic 0 because the read-with-reset function of
the energy registers is not available in this mode.
Note that, when line cycle accumulation mode is first enabled,
the reading after the first LENERGY flag should be ignored
because it may be inaccurate. This inaccuracy is due to the line
cycle accumulation mode not being synchronized to the zero
crossing. As a result, the first reading may not be taken over
a complete number of half line cycles. After the first line cycle
accumulation is completed, all successive readings are correct.
xWGAIN
INTERNAL
ACCUMULATION
WTHR[48:0]
xWATTOS
23
xWATTHR
0
LPF_ZX
OUTPUT FROM
VOLTAGE CHANNEL
ADC
OUTPUT
FROM
LPF
ZERO-CROSSING
DETECTION
CALIBRATION
CONTROL
15
0
LINECYC
+
+
48
0
Figure 30. Line Cycle Accumulation for xWATTHR
xVARGAIN
INTERNAL
ACCUMULATION
VARTHR[48:0]
xVAROS
23
xVARHR
0
LPF_ZX
OUTPUT FROM
VOLTAGE CHANNEL
ADC
OUTPUT FROM
REACTIVE POWER
ALGORITHM
ZERO-CROSSING
DETECTION
CALIBRATION
CONTROL
15
0
LINECYC
+
+
48
0
Figure 31. Line Cycle Accumulation for xVARHR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com